Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV639X Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV639X
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV639X Datasheet(HTML) 2 Page - STMicroelectronics

  TSV639X Datasheet HTML 1Page - STMicroelectronics TSV639X Datasheet HTML 2Page - STMicroelectronics TSV639X Datasheet HTML 3Page - STMicroelectronics TSV639X Datasheet HTML 4Page - STMicroelectronics TSV639X Datasheet HTML 5Page - STMicroelectronics TSV639X Datasheet HTML 6Page - STMicroelectronics TSV639X Datasheet HTML 7Page - STMicroelectronics TSV639X Datasheet HTML 8Page - STMicroelectronics TSV639X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Contents
TSV639x, TSV639xA
2/25
Doc ID 16883 Rev 1
Contents
1
Package pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Absolute maximum ratings and operating conditions . . . . . . . . . . . . . 4
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.1
Operating voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.2
Rail-to-rail input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.3
Rail-to-rail output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.4
Shutdown function (TSV6393 - TSV6395) . . . . . . . . . . . . . . . . . . . . . . . . 13
4.5
Optimization of DC and AC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.6
Driving resistive and capacitive loads . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.7
PCB layouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.8
Macromodel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5.1
SOT23-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5.2
SO-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
5.3
MiniSO-8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
5.4
MiniSO-10 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
5.5
TSSOP14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
5.6
TSSOP16 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24


Similar Part No. - TSV639X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
TSV6390A STMICROELECTRONICS-TSV6390A Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
TSV6390AICT STMICROELECTRONICS-TSV6390AICT Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
TSV6390AILT STMICROELECTRONICS-TSV6390AILT Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
TSV6390ICT STMICROELECTRONICS-TSV6390ICT Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
More results

Similar Description - TSV639X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Microchip Technology
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
   2 MHz, 150 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
   2.8 MHz, 200 關A Op Amps
2009
logo
3PEAK INC.
TP2431 3PEAK-TP2431 Datasheet
1Mb / 16P
   1.6MHz Bandwidth, Micropower Low Noise Op-amps
logo
Microchip Technology
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
   2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com