Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R53CS710015Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R53CS710015Z
Description  Terminals 6.3 x 0.8, 4.8 x 0.5mm Sn or Ni plate, Housing: Thermoset, Cap: SS or Al, Loose Bracket, Terminals Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R53CS710015Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R53CS710015Z Datasheet HTML 1Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 2Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 3Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
type
nc no
code
photo
drawing
dimensions (mm)
technical
description
approvals
R53
CS-7S, CS-17, B2
2
1
Term = Z1
Ring = D
Terminals 6.3 x 0.8, 4.8
x 0.5mm Sn or Ni plate,
Housing: Thermoset, Cap:
SS or Al, Loose Bracket,
Terminals Vertical (Z type)
UL, CSA, VDE
Term = Y1
Ring = D
Terminals 6.3 x 0.8, 4.8
x 0.5mm Sn or Ni plate,
Housing: Thermoset, Cap:
SS or Al, Loose Bracket,
Terminals Horizontal
(Y type)
R55
CR-71
2
Ring = D
Terminals 6.3 x 0.8, 4.8
x 0.5mm Sn or Ni plate,
Housing: Thermoset, Cap:
SS or Al, Loose Bracket,
Terminals Horizontal
(Y type)
UL, CUL, VDE
R53
CS-17
2
1
Ring = L
Terminals 6.3 x 0.8, 4.8
x 0.5 mm Sn or Ni plate,
Housing: Thermoset, Cap:
SS, Welded Bracket,
Terminals Horizontal
(Y type)
R54
CH-15, CH-152-35
2
1
Ring = None
Term = Y7
Terminals 6.3 x 0.8,
Steel Ni plate, Housing:
Ceramic Thermoset, Cap:
Aluminum, Loose Bracket,
Terminals Horizontal
(Y type)
Standard types
Mounting rings
type
code
photo
drawing
dimensions (mm)
technical
description
approvals
CS-7S, CS-17,
B2, CR-71
Standard
D
23.8mm mounting ring,
loose or fixed at 45°, 90°,
or 135°.
UL, CSA, VDE
M
25mm mounting ring,
loose or fixed at 45°, 90°,
or 135°.
E
30mm mounting ring,
loose.
CS-7S, B2,
CR-71, CS-17
L
41mm mounting bracket
fixed at 45°, 90° or 135°.
UL, CUL
CS-7S, B2, CR-71
Thru-Hole Mnt. = F
Flange Cap mounting,
Stainless Steel fixed at
45°, 90° or 135°
UL, CSA, VDE
Exposed Bimetal
Thru Hole = FX
Flange Cap mounting,
w/exposed bimetal, Stain-
less Steel fixed at 45°, 90°
or 135°
Technical data
ratings \ control type
R53
R54
R55
CS-7S
CS-17
B-2
CH-15
CH-152-35
CR71
function
automatic
SOD
automatic
SOD
manual
version
normally closed / normally
open
nc
nc / no
nc
nc
VDE
rated current at 250 Vac ( cos φ 0,95 )
10A
25A
25A/15A
15 (10)
10
10(8)
switching cycles
100,000
100,000
1
100,000
1
temperature range TA (steps in 5ºC)
-20...200ºC
60...150ºC
-20...200ºC
0...220ºC
-20...200ºC
UL
rated current at 125/250
15A/10A
25A/25A
25A
15/10
17A
15(10)
switching cycles
100,000
100,000
1
100,000
1
temperature range TA (steps in 5ºC)
-20...200ºC
150ºC
0...200ºC
0...250ºC
0...260ºC
50...200ºC
tolerance
> +/- 3ºC (+/- 5ºC Typical)
contact resistance / Insulation res. / dielectric res.
< 50 mΩ / >100 mΩ at 500V / 1500V for 1 minute
hysteresis / reset temp.
Set -15...25ºC
-35ºC
-15...25ºC
-35ºC
deg. of protection provided by enclosures (EN 60529)
IP00
approvals
VDE / ENEC
Cert# 40010923 EN 60730-1 / -2-9 / 1-A15 / 1-A16
UL / CUL
UL 873 File E50367
CSA
C22.2 No.24 3) File LR85323
Terminals
code
used in type
photo
drawing
dimensions (mm)
technical
description
approvals
Y1 [STD] Brass Faston Tin Plate .250
Y2 Brass Faston Tin Plate.187
Y3 Brass Faston Nickel Plate .250
Y4 Brass Faston Nickel Plate .187
Y5 Steel Faston Nickel Plate .250
Y6 Steel Nickel Solder Connection
Y7 Brass Nickel Solder Connection
CS-7,CR-71, B2
CS-7,CR-71, B2
CS-7,CR-71, B2
CS-7,CR-71, B2
CS-7,CR-71, B2, CH-15
CS-7,CR-71, B2, CH-15
CS-7,CR-71, B2
Horizontal Fastons
6.3mm x 0.8mm
4.8mm x 0.8mm
UL, CSA, VDE
Z1 [STD] Brass Faston Tin Plate .250
Z2 Brass Faston Tin Plate.187
Z3 Brass Faston Nickel Plate .250
Z4 Brass Faston Nickel Plate .187
Z5 Steel Faston Nickel Plate .250
CS-7,CR-71, B2
CS-7,CR-71, B2
CS-7,CR-71, B2
CS-7,CR-71, B2
CH-15
Vertical Fastons
6.3mm x 0.8mm
4.8mm x 0.8mm
Y6 Solder Connection
Faston


Similar Part No. - R53CS710015Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R53C ETC2-R53C Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
More results

Similar Description - R53CS710015Z

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2751080000 WEIDMULLER-2751080000 Datasheet
128Kb / 2P
   END PLATE (TERMINALS), 56.9 MM X
03.02.2023
2751100000 WEIDMULLER-2751100000 Datasheet
128Kb / 2P
   END PLATE (TERMINALS), 82.1 MM X
03.02.2023
2751090000 WEIDMULLER-2751090000 Datasheet
128Kb / 2P
   END PLATE (TERMINALS), 69.5 MM X
03.02.2023
logo
Schurter Inc.
0031.1657 SCHURTER-0031.1657 Datasheet
564Kb / 3P
   Quick-conntect or solder terminals
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
   Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
   Screw or spring clamp terminals
logo
Schurter Inc.
0031.1661 SCHURTER-0031.1661 Datasheet
542Kb / 4P
   Quick-conntect or solder terminals
FAU SCHURTER-FAU_18 Datasheet
276Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
FUP SCHURTER-FUP_V01 Datasheet
270Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com