Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF19K-30P-1F Datasheet(PDF) 5 Page - Hirose Electric

Part # DF19K-30P-1F
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19K-30P-1F Datasheet(HTML) 5 Page - Hirose Electric

  DF19K-30P-1F Datasheet HTML 1Page - Hirose Electric DF19K-30P-1F Datasheet HTML 2Page - Hirose Electric DF19K-30P-1F Datasheet HTML 3Page - Hirose Electric DF19K-30P-1F Datasheet HTML 4Page - Hirose Electric DF19K-30P-1F Datasheet HTML 5Page - Hirose Electric DF19K-30P-1F Datasheet HTML 6Page - Hirose Electric DF19K-30P-1F Datasheet HTML 7Page - Hirose Electric DF19K-30P-1F Datasheet HTML 8Page - Hirose Electric DF19K-30P-1F Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
B257
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Specification
(56): Tape & reel packaging
(1,000 pieces per reel)
■Right angle receptacle, offset mounting
B
PCB mounting pattern
E±0.1
1
+0.1
0
D
+0.2
-0.1
0.55±0.05
P=1±0.05
B±0.05
3.175±0.1
2.975±0.1
Outline of the receptacle
Outline of the plug
0.25
1
C
Contact No. 1 indicator
P=1
B
2.375
2.175
A
6.7
DF19K
identification indicator
Unit: mm
CL No.
Part number
Number of contacts
A
B
C
D
E
F
Remarks
RoHS
685-0008-1-56
685-0032-6-56
DF19K-20P-1H (56)
DF19K-30P-1H (56)
20
30
23.55
33.55
19
29
26.55
36.55
24.15
34.15
25.15
35.15
0.1
0.1
1.0mm high
YES
CL No.
Part number
Number of contacts
A
B
C
D
E
Remarks
RoHS
685-0003-8-56
685-0019-8-56
685-0016-0-56
DF19L-14P-1H (56)
DF19L-20P-1H (56)
DF19L-30P-1H (56)
14
20
30
17.55
23.55
33.55
13
19
29
20.55
26.55
36.55
18.15
24.15
34.15
19.15
25.15
35.15
1.1mm high
YES
Note: Order by number of reels.
F
1.1
1.1
1.1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19K-30P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19K-30P-1F HIROSE-DF19K-30P-1F Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19K-30P-1FGND HIROSE-DF19K-30P-1FGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19K-30P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com