Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN034-100PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN034-100PS
Description  N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN034-100PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN034-100PS Datasheet HTML 3Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 4Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 5Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 6Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 7Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 8Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 9Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 10Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN034-100PS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 1 March 2010
7 of 15
NXP Semiconductors
PSMN034-100PS
N-channel 100 V 34.5 m
Ω standard level MOSFET in TO220.
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj = 25 °C; see Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =5A; dIS/dt = 100 A/µs; VGS =0V;
VDS =50V
-38
-
ns
Qr
recovered charge
-
59
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Input and reverse capacitances as a function of
gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Output characteristics: drain current as a
function of drain-source voltage; typical values
003aae110
0
10
20
30
40
50
010
20
30
40
I
D
(A)
g
fs
(S)
003aae109
0
500
1000
1500
2000
04
8
12
V GS(V)
C
(pF)
Ciss
Crss
003aae111
20
40
60
80
100
0
5
10
15
20
V GS(V)
R DSon
(m
Ω)
003aae106
0
10
20
30
40
01
23
45
V DS(V)
I
D
(A)
4.5
4
VGS (V) =
4.7
5.0
5.5
6.5
10.0


Similar Part No. - PSMN034-100PS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PSMN034-100PS VBSEMI-PSMN034-100PS Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
PSMN034-100PS ISC-PSMN034-100PS Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN034-100PS NEXPERIA-PSMN034-100PS Datasheet
810Kb / 15P
   N-channel 100 V 34.5 mΩ standard level MOSFET in TO220.
Rev. 02 - 1 March 2010
More results

Similar Description - PSMN034-100PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN034-100PS NEXPERIA-PSMN034-100PS Datasheet
810Kb / 15P
   N-channel 100 V 34.5 mΩ standard level MOSFET in TO220.
Rev. 02 - 1 March 2010
logo
NXP Semiconductors
PSMN034-100BS PHILIPS-PSMN034-100BS_15 Datasheet
239Kb / 14P
   N-channel 100 V 34.5 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN8R5-100PS PHILIPS-PSMN8R5-100PS_15 Datasheet
258Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
17 October 2013
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
   N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
PSMN034-100BS PHILIPS-PSMN034-100BS Datasheet
239Kb / 14P
   N-channel 100 V 34.5 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN4R6-60PS PHILIPS-PSMN4R6-60PS_15 Datasheet
233Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 3-18 April 2012
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN4R6-60PS NXP-PSMN4R6-60PS Datasheet
260Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
PSMN7R0-100PS PHILIPS-PSMN7R0-100PS_15 Datasheet
268Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com