Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6294AIPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV6294AIPT
Description  Micropower, wide bandwidth CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6294AIPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV6294AIPT Datasheet HTML 7Page - STMicroelectronics TSV6294AIPT Datasheet HTML 8Page - STMicroelectronics TSV6294AIPT Datasheet HTML 9Page - STMicroelectronics TSV6294AIPT Datasheet HTML 10Page - STMicroelectronics TSV6294AIPT Datasheet HTML 11Page - STMicroelectronics TSV6294AIPT Datasheet HTML 12Page - STMicroelectronics TSV6294AIPT Datasheet HTML 13Page - STMicroelectronics TSV6294AIPT Datasheet HTML 14Page - STMicroelectronics TSV6294AIPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TSV629x, TSV629xA
Electrical characteristics
Doc ID 16882 Rev 2
11/25
Figure 8.
Positive slew rate vs. supply
voltage in closed loop
Figure 9.
Negative slew rate vs. supply
voltage in closed loop
R
Load
=10k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from 0.5V to V
CC+
−0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=25°C
T=125°C
T=−40°C
Supply voltage (V)
T=25°C
R
Load
=10k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from V
CC+
−0.5V to 0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=125°C
T=−40°C
Supply voltage (V)
Figure 10.
Slew rate vs. supply voltage in open
loop
Figure 11.
Slew rate timing in open loop
Open loop configuration, T = 25 C
R
Load
=10k
Ω, C
Load
=100pF,
V
in
=1V
PP
, V
icm
=V
CC
/2
SR calculated from 0.5V to V
CC
-0.5V
Supply voltage (V)
Open loop,R
Load
=10k
Ω
C
Load
=100pF, V
icm
=V
CC
/2
T=25°C, V
CC
=5V, V
in
= 1V
PP
Time (µs)
Figure 12.
Slew rate timing in closed loop
Figure 13.
Noise at VCC = 5 V
V
in
V
out
R
Load
=10k
Ω, C
Load
=100pF,
V
icm
=V
CC
/2, A
CL
=−10
T=25°C, V
CC
=5V
Time (µs)
V
CC
=5V
T=25°C
V
icm
=4.5V
V
icm
=2.5V
Frequency (Hz)


Similar Part No. - TSV6294AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6290 STMICROELECTRONICS-TSV6290 Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290A STMICROELECTRONICS-TSV6290A Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AICT STMICROELECTRONICS-TSV6290AICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AILT STMICROELECTRONICS-TSV6290AILT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290ICT STMICROELECTRONICS-TSV6290ICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
More results

Similar Description - TSV6294AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
August 2013 Rev 4
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com