Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU20027-Y1A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CU20027-Y1A
Description  Vacuum Fluorescent Display Module Specification
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CU20027-Y1A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CU20027-Y1A Datasheet HTML 1Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 2Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 3Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 4Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 5Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 6Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 7Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 8Page - List of Unclassifed Manufacturers CU20027-Y1A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
CU20027-Y1A
- 3 -
1
General Description
1.1
Scope
This specification covers the operation and operating requirements of the Vacuum Fluorescent
Display (VFD) module CU20027-Y1A.
1.2
Features
Functions
o
Character highlight
o
Easy to use ASCII commands and fonts.
o
Character Magnification
o
Screen Saver
o
Blink Action Command(Display or Character)
Display
o
Vivid green indication
o
Wider viewing angle
o
High Brightness (Typ. 2000 cd/m
2)
o
Brightness Levels: 8 levels of overall display brightness with 8 relative levels for each
individual 5×8 Matrix
Font
o
New 5×8 Matrix Character Font
o
Many International Font Sets
o
RAM User-Definable Characters (16 characters)
o
FROM User-Definable Characters (224 characters)
o
40 (20×2) Characters on the compact display area
Interface
o
C MOS Signal level
o
Parallel Interface: i80 type 8bit bus
o
Serial Interface: either Synchronous or Asynchronous is selected by jumper setting
Operation
o
DC 5V input
o
Wide Operation Temperature Range (−40 ~ +85ºC)


Similar Part No. - CU20027-Y1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CU20027-Y100 ETC2-CU20027-Y100 Datasheet
617Kb / 41P
   Vacuum Fluorescent Display Module Specification
More results

Similar Description - CU20027-Y1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CU24043-Y1A ETC2-CU24043-Y1A Datasheet
970Kb / 42P
   Vacuum Fluorescent Display Module Specification
CU24043-Y100 ETC2-CU24043-Y100 Datasheet
944Kb / 42P
   Vacuum Fluorescent Display Module Specification
CU20027-Y100 ETC2-CU20027-Y100 Datasheet
617Kb / 41P
   Vacuum Fluorescent Display Module Specification
CU24063-Y1A ETC2-CU24063-Y1A Datasheet
1Mb / 42P
   Vacuum Fluorescent Display Module Specification
CU24063-Y100 ETC2-CU24063-Y100 Datasheet
1Mb / 42P
   Vacuum Fluorescent Display Module Specification
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com