Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3300BHF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PTN3300BHF
Description  DVI and HDMI level shifter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3300BHF Datasheet(HTML) 1 Page - NXP Semiconductors

  PTN3300BHF Datasheet HTML 1Page - NXP Semiconductors PTN3300BHF Datasheet HTML 2Page - NXP Semiconductors PTN3300BHF Datasheet HTML 3Page - NXP Semiconductors PTN3300BHF Datasheet HTML 4Page - NXP Semiconductors PTN3300BHF Datasheet HTML 5Page - NXP Semiconductors PTN3300BHF Datasheet HTML 6Page - NXP Semiconductors PTN3300BHF Datasheet HTML 7Page - NXP Semiconductors PTN3300BHF Datasheet HTML 8Page - NXP Semiconductors PTN3300BHF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The PTN3300B is a high-speed level shifter device which converts four lanes of low-swing
AC-coupled differential input signals to DVI and HDMI compliant open-drain
current-steering differential output signals, up to 2.25 Gbit/s per lane. Each of these lanes
provides a level-shifting differential buffer to translate from low-swing AC-coupled
differential signaling on the source side, to TMDS-type DC-coupled differential
current-mode signaling terminated into 50
Ω to 3.3 V on the sink side. Additionally, the
PTN3300B provides a single-ended active buffer for voltage translation of the HPD signal
from 5 V on the sink side to 3.3 V on the source side and provides a channel for level
shifting of the DDC channel (consisting of a clock and a data line) between 3.3 V
source side and 5 V sink side. The DDC channel is implemented using pass gate
technology allowing level shifting as well as disablement (isolation between source and
sink) of the clock and data lines.
The low-swing AC-coupled differential input signals to the PTN3300B typically come from
a display source with multi-mode I/O, which supports multiple display standards, e.g.,
DisplayPort, HDMI and DVI. While the input differential signals are configured to carry DVI
or HDMI coded data, they do not comply with the electrical requirements of the DVI v1.0
or HDMI v1.3a specification. By using PTN3300B, chip set vendors are able to implement
such reconfigurable I/Os on multi-mode display source devices, allowing the support of
multiple display standards while keeping the number of chip set I/O pins low. See
Figure 1.
The PTN3300B main high-speed differential lanes feature low-swing self-biasing
differential inputs which are compliant to the electrical specifications of
DisplayPort
Standard v1.1 and/or PCI Express Standard v1.1, and open-drain current-steering
differential outputs compliant to DVI v1.0 and HDMI v1.3a electrical specifications. The
PTN3300B also supports power-saving modes in order to minimize current consumption
when no display is active or connected.
The PTN3300B supports level translation functions and features supporting both DVI and
HDMI. A derivative, PTN3300A, is available that is identical to the PTN3300B except that
the HPD_SOURCE_N output is the inverting function of input HPD_SINK, level shifted to
1.1 V. For a fully-featured HDMI/DVI level shifter function that supports active buffering of
the DDC lines and HDMI dongle detect, the PTN3301 should be used.
PTN3300B is powered from a single 3.3 V power supply consuming a small amount of
power (120 mW typical) and is offered in two different 48-terminal HWQFN packages, one
laminate based (no terminals visible from edge of the package), and one leadframe-based
(terminals visible from edge of the package).
PTN3300B
DVI and HDMI level shifter
Rev. 01 — 8 July 2008
Product data sheet


Similar Part No. - PTN3300BHF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3300AHF NXP-PTN3300AHF Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3300AHF2 NXP-PTN3300AHF2 Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
More results

Similar Description - PTN3300BHF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
NXP Semiconductors
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
NXP Semiconductors
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3361B NXP-PTN3361B Datasheet
155Kb / 29P
   HDMI/DVI level shifter with dongle detect support and active DDC buffer
Rev. 02-7 October 2009
logo
Pericom Semiconductor C...
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com