Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU24063-Y1A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CU24063-Y1A
Description  Vacuum Fluorescent Display Module Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CU24063-Y1A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CU24063-Y1A Datasheet HTML 2Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 3Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 4Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 5Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 6Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 7Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 8Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 9Page - List of Unclassifed Manufacturers CU24063-Y1A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
CU24063-Y1A
- 5 -
2.3
Electrical Characteristics
Measuring Conditions: Ambient temperature = 25 ºC, VCC = 5.0 VDC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Note
D0-D7, /WR,
/RESET
IIL1
-
-
−0.15
mA
VIN = 0V
-
‘L’ Level
Logic Input Current
SIN, SCK
IIL2
-
-
−0.55
mA
VIN = 0V
-
D0-D7,SIN,SCK
IIH1
-
-
5.0
µA
VIN = 5V
-
‘H’ Level
Logic Input Current
/WR, /RESET
IIH2
-
-
0.25
µA
VIN = 5V
-
D0-D7, /WR,
SIN, SCK
VIL1
0
-
0.2×
VCC VDC
-
-
‘L’ Level
Logic Input Voltage
/RESET
VIL2
0
-
0.8
VDC
-
-
‘H’ Level
Logic Input Voltage
D0-D7, /WR,
/RESET,
SIN, SCK
VIH
0.8×
VCC
-
VCC
VDC
-
-
PBUSY
VOL1
-
-
0.1
VDC
IOL = 50µA
-
‘L’ Level
Logic Output Voltage
SBUSY
VOL2
-
-
0.45
VDC
IOL = 200µA
-
PBUSY
VOH1 VCC−0.1
-
-
VDC
IOH = −50µA
-
‘H’ Level
Logic Output Voltage
SBUSY
VOH2 VCC−0.5
-
VCC
VDC
IOH = −200µA
-
ICC1-1
-
320
400
mADC
Brightness
100%
(1)
ICC2-1
-
260
330
mADC
Brightness
100%
(2)
ICC1-2
-
420
530
mADC
Brightness
200%
(1)
ICC2-2
-
310
390
mADC
Brightness
200%
(2)
Power Supply Current
ICC3
-
25
35
mADC
Power Save
Mode
(3)
-
1.6
2.0
W
Brightness
100%
(1)
Power Consumption
-
2.1
2.65
W
Brightness
200%
(1)
(1) ICC1 shows the current when all dots in the display are on.
(2) ICC2 shows the current when all dots in the display are off.
(3) ICC3 shows the current with the Power Save Mode. Power save mode is one of the options of
“Screen saver” command. Please refer to “Screen saver” command at Page 31.
Note: A slow start power supply may cause erroneous operations. ICC can be
approximately twice the specified supply current at power on.
3
Optical Specifications
Luminance:
Minimum 350 cd/m
2, typically 1000 cd/m2 (100% brightness)
Typically 2000 cd/m
2 (200% brightness)
Color of illumination:
Green (Blue Green)


Similar Part No. - CU24063-Y1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CU24063-Y100 ETC2-CU24063-Y100 Datasheet
1Mb / 42P
   Vacuum Fluorescent Display Module Specification
More results

Similar Description - CU24063-Y1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CU20027-Y1A ETC2-CU20027-Y1A Datasheet
642Kb / 41P
   Vacuum Fluorescent Display Module Specification
CU24043-Y1A ETC2-CU24043-Y1A Datasheet
970Kb / 42P
   Vacuum Fluorescent Display Module Specification
CU24043-Y100 ETC2-CU24043-Y100 Datasheet
944Kb / 42P
   Vacuum Fluorescent Display Module Specification
CU20027-Y100 ETC2-CU20027-Y100 Datasheet
617Kb / 41P
   Vacuum Fluorescent Display Module Specification
CU24063-Y100 ETC2-CU24063-Y100 Datasheet
1Mb / 42P
   Vacuum Fluorescent Display Module Specification
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com