Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3360ABS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTN3360ABS
Description  Enhanced performance HDMI/DVI level shifter with inverting HPD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3360ABS Datasheet(HTML) 2 Page - NXP Semiconductors

  PTN3360ABS Datasheet HTML 1Page - NXP Semiconductors PTN3360ABS Datasheet HTML 2Page - NXP Semiconductors PTN3360ABS Datasheet HTML 3Page - NXP Semiconductors PTN3360ABS Datasheet HTML 4Page - NXP Semiconductors PTN3360ABS Datasheet HTML 5Page - NXP Semiconductors PTN3360ABS Datasheet HTML 6Page - NXP Semiconductors PTN3360ABS Datasheet HTML 7Page - NXP Semiconductors PTN3360ABS Datasheet HTML 8Page - NXP Semiconductors PTN3360ABS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PTN3360A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 8 October 2009
2 of 21
NXP Semiconductors
PTN3360A
Enhanced HDMI/DVI level shifter with inverting 1.1 V HPD
Remark: TMDS clock and data lanes can be assigned arbitrarily and interchangeably to D[4:1].
Fig 1.
Typical application system diagram
002aae204
OUT_D1
OUT_D1+
IN_D1
IN_D1+
HPD_SOURCE_N
HPD_SINK
SCL_SINK
SDA_SINK
DDC_EN
(0 V to 3.3 V)
SCL_SOURCE
SDA_SOURCE
OUT_D2
OUT_D2+
IN_D2
IN_D2+
OUT_D3
OUT_D3+
IN_D3
IN_D3+
OUT_D4
OUT_D4+
IN_D4
IN_D4+
PTN3360A
OE_N
5 V
5 V
0 V to 5 V
0 V to 1.1 V
3.3 V
3.3 V
3.3 V
AC-coupled
differential pair
clock
CLOCK LANE
DATA LANE
DATA LANE
DATA LANE
AC-coupled
differential pair
TMDS data
AC-coupled
differential pair
TMDS data
AC-coupled
differential pair
TMDS data
TX
TX
FF
TMDS
clock
pattern
MULTI-MODE DISPLAY SOURCE
TX
TX
FF
TMDS
coded
data
TX
TX
FF
TMDS
coded
data
TX
TX
FF
TMDS
coded
data
PCIe PHY ELECTRICAL
CONFIGURATION
DDC I/O
(I2C-bus)
PCIe
output buffer
reconfigurable I/Os
PCIe
output buffer
PCIe
output buffer
PCIe
output buffer


Similar Part No. - PTN3360ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
PTN3360BBS NXP-PTN3360BBS Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
PTN3360D NXP-PTN3360D Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
PTN3360DBS NXP-PTN3360DBS Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
More results

Similar Description - PTN3360ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
   Enhanced AC coupled HDMI level shifter with configurable HPD output
June 2009 Rev 1
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
STMicroelectronics
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
   AC coupled HDMI level shifter with configurable HPD output
December 2008 Rev 3
logo
NXP Semiconductors
PTN3361C NXP-PTN3361C Datasheet
436Kb / 30P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 1.65 Gbit/s operation
Rev. 1.1-28 July 2015
PTN3360D NXP-PTN3360D Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
NXP Semiconductors
PTN3381B PHILIPS-PTN3381B Datasheet
649Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detect support and active DDC buffer
Rev. 2-15 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com