Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4E500SZBE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP4E500SZBE
Description  Industrial Pushbutton Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP4E500SZBE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP4E500SZBE Datasheet HTML 1Page - List of Unclassifed Manufacturers AP4E500SZBE Datasheet HTML 2Page - List of Unclassifed Manufacturers AP4E500SZBE Datasheet HTML 3Page - List of Unclassifed Manufacturers AP4E500SZBE Datasheet HTML 4Page - List of Unclassifed Manufacturers AP4E500SZBE Datasheet HTML 5Page - List of Unclassifed Manufacturers AP4E500SZBE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B
ø A
PANEL THICKNESS
DIM A (± 0.05 mm)
DIM B (± 0.05 mm)
1 mm
[0.039 in]
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
2 mm
[0.079 in]
13.80 mm
[0.539 in]
13.00 mm
[0.512 in]
3 mm
[0.118 in]
13.90 mm
[0.547 in]
13.10 mm
[0.516 in]
THREADED BODY
MIN PANEL THICKNESS 1 mm
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
PANEL CUTOUT
A 0.1mm min. chamfer on the leading edge of the mounting hole is recommended for snap-in version.
A–5
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
AP Series
Industrial Pushbutton Switch
ILLUMINATION
A
28,00
1.102
[]
20,25
0.797
[]
1,50
0.059
[]
7,74
0.305
[]
0,85
0.033
[]
16,25
0.640
[]
24,00
0.945
[]
1,50
0.059
[]
7,75
0.305
[]
0,85
0.033
[]
M13 X 1.25-6g
THREADED WITH
ILLUMINATION
SNAP-IN
NO ILLUMINATION
THREADED
NO ILLUMINATION
M13 X 1.25-6g
SNAP-IN
WITH ILLUMINATION
*LED FORWARD CURRENT: 20 mA
LED FORWARD VOLTAGE: see chart above
LED REVERSE VOLTAGE: 5.0 V MAX
* For information on specific and custom LED, please contact Customer Service.
NEW!
S SNAP-IN
T THREADED PLASTIC
BUSHING STYLE
07
LED Super Blue
08
LED Bi-Color – Amber (Green)
02
LED Bi-Color – Red (Green)
OPTION
CODE
ILLUMINATION
TYPE
00
Model without illumination
01
LED Super White
03
LED Red
05
LED Amber
06
LED Green
800
1,500
10
10
10
20
TYPICAL INTENSITY*
MIN
MAX
35
50
(mcd)
4,000
5,000
48
35
50
PEAK
WAVELENGTH
(nm)
N/A
700
610
585/565
565
N/A
470
635/565
N/A
Vf Forward Voltage
2.0
2.0
2.0
2.0
3.5
3.8
2.0
Third Angle
Projection
+ Anode
- Cathode
4
3
NOTE:
For bi-color LED’s the polarity must be reversed to alternate the color


Similar Part No. - AP4E500SZBE

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP4 ALTECH-AP4 Datasheet
386Kb / 1P
   30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
NEC
AP400 NEC-AP400 Datasheet
394Kb / 4P
   On-site wireless telephony on your IP Network
logo
LEM
AP400-B10 LEM-AP400-B10 Datasheet
56Kb / 2P
   AC Current transducer AP-B10
AP400-B420L LEM-AP400-B420L Datasheet
56Kb / 2P
   AC Current transducer AP-B420L
logo
Advanced Power Electron...
AP4002H,J A-POWER-AP4002H,J Datasheet
66Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4E500SZBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
   Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
   Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
2021
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
   Sealed Industrial Pushbutton Switch
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
   Sealed Industrial Pushbutton Switch
4 May 20
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
   AP Series Industrial Pushbutton Switch
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com