Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3360B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PTN3360B
Description  Enhanced performance HDMI/DVI level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3360B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PTN3360B Datasheet HTML 3Page - NXP Semiconductors PTN3360B Datasheet HTML 4Page - NXP Semiconductors PTN3360B Datasheet HTML 5Page - NXP Semiconductors PTN3360B Datasheet HTML 6Page - NXP Semiconductors PTN3360B Datasheet HTML 7Page - NXP Semiconductors PTN3360B Datasheet HTML 8Page - NXP Semiconductors PTN3360B Datasheet HTML 9Page - NXP Semiconductors PTN3360B Datasheet HTML 10Page - NXP Semiconductors PTN3360B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PTN3360B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 8 October 2009
7 of 22
NXP Semiconductors
PTN3360B
Enhanced performance HDMI/DVI level shifter
[1]
HVQFN48 package supply ground is connected to both GND pins and exposed center pad. GND pins must be connected to supply
ground for proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be
soldered to the board using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias
need to be incorporated in the PCB in the thermal pad region.
OUT_D1+
22
TMDS differential
output
HDMI compliant TMDS output. OUT_D1+ makes a differential pair
with OUT_D1
−. OUT_D1+ is in phase with IN_D1+.
OUT_D1
23
TMDS differential
output
HDMI compliant TMDS output. OUT_D1
− makes a differential pair
with OUT_D1+. OUT_D1
− is in phase with IN_D1−.
HPD and DDC signals
HPD_SINK
30
5 V CMOS
single-ended input
0 V to 5 V (nominal) input signal. This signal comes from the DVI or
HDMI sink. A HIGH value indicates that the sink is connected; a
LOW value indicates that the sink is disconnected. HPD_SINK is
pulled down by an integrated 200 k
Ω pull-down resistor.
HPD_SOURCE
7
3.3 V CMOS
single-ended output
0 V to 3.3 V (nominal) output signal. This is level-shifted
non-inverted version of the HPD_SINK signal.
SCL_SOURCE
9
single-ended 3.3 V
open-drain DDC I/O
3.3 V source-side DDC clock I/O. Pulled up by external termination
to 3.3 V.
SDA_SOURCE
8
single-ended 3.3 V
open-drain DDC I/O
3.3 V source-side DDC data I/O. Pulled up by external termination
to 3.3 V.
SCL_SINK
28
single-ended 5 V
open-drain DDC I/O
5 V sink-side DDC clock I/O. Pulled up by external termination to
5V.
SDA_SINK
29
single-ended 5 V
open-drain DDC I/O
5 V sink-side DDC data I/O. Pulled up by external termination to 5 V.
DDC_EN
32
3.3 V CMOS input
Enables the DDC buffer and level shifter.
When DDC_EN = LOW, buffer/level shifter is disabled.
When DDC_EN = HIGH, buffer and level shifter are enabled.
Supply and ground
VDD
2, 11, 15,
21, 26, 33,
40, 46
3.3 V DC supply
Supply voltage; 3.3 V
± 10 %.
VCC
-
GND[1]
1, 5, 12,
18, 24, 27,
31, 36, 37,
43
ground
Supply ground. All GND pins must be connected to ground for
proper operation.
Feature control signals
REXT
6
analog I/O
Current sense port used to provide an accurate current reference
for the differential outputs OUT_Dx. For best output voltage swing
accuracy, use of a 10 k
Ω resistor (1 % tolerance) from this terminal
to GND is recommended. May also be left open-circuit or tied to
either VDD or GND. See Section 6.2 for details.
Miscellaneous
n.c.
3, 4, 10,
34, 35
no connection
to the die
Not connected. May be left open-circuit or tied to GND or VDD either
directly or via a resistor.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - PTN3360B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3360ABS NXP-PTN3360ABS Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3360D NXP-PTN3360D Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
PTN3360DBS NXP-PTN3360DBS Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
More results

Similar Description - PTN3360B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
NXP Semiconductors
PTN3360D NXP-PTN3360D Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
PTN3361C NXP-PTN3361C Datasheet
436Kb / 30P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 1.65 Gbit/s operation
Rev. 1.1-28 July 2015
PTN3381B PHILIPS-PTN3381B Datasheet
649Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detect support and active DDC buffer
Rev. 2-15 October 2010
PTN3381D NXP-PTN3381D Datasheet
264Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation
Rev. 2-26 July 2012
PTN3381DBS PHILIPS-PTN3381DBS Datasheet
264Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation
Rev. 2-26 July 2012
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com