Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2C600SZBE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP2C600SZBE
Description  Industrial Pushbutton Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP2C600SZBE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP2C600SZBE Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2C600SZBE Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2C600SZBE Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2C600SZBE Datasheet HTML 4Page - List of Unclassifed Manufacturers AP2C600SZBE Datasheet HTML 5Page - List of Unclassifed Manufacturers AP2C600SZBE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and dimensions subject to change
www.ck-components.com
Features/Benefits
IP67 sealed
1,000,000 life cycle
Illumination / non-illumination
Multiple colored caps
Threaded or snap-in mounting
SPST, normally open
Caps available separately
RoHS compliant
Typical Applications
Harsh environments
Off-Road
Industrial
Medical
Transportation
Joystick control modules
Gaming
Military
Specifications
FUNCTION: SPST Momentary, double break
CONTACT ARRANGEMENT: N.O.
MOUNTING TYPE:
Snap-in (panel front) or threaded (nut with locking washer and
panel gasket)
Mechanical
TOTAL TRAVEL: 2.1 ± 0.2 mm
OPERATING POINT 1.55 ± 0.25 mm
OVER TRAVEL: 0.6 ± 0.2 mm
OPERATING FORCE: 4N ± 0.5N standard configuration; other
force option 2N ± 0.5N
VIBRATION: 10-500 Hz 10g Max
SHOCK: 60g 11ms sawtooth wave
Electrical
CONTACT RATING:
200mA @ 24 V DC resistive
100mA @ 50 V DC resistive
400mA @ 32 V AC resistive
125mA @ 125 V AC resistive
DIELECTRIC STRENGTH: 1000 V AC min.
INSULATION RESISTANCE: 1 G
Ω @ 500 VDC
INITIAL CONTACT RESISTANCE 50 m
Ω max (without wire leads)
BOUNCE TIME: <5 ms
Materials
HOUSING: PBT
BASE: PBT
CAP: PBT
ACTUATOR:
Illuminated: Clear polycarbonate
Non-illuminated: PBT
INTERNAL SEAL: Silicone rubber
TERMINALS: Copper alloy, gold over silver plating
MOVABLE CONTACT: Copper alloy, gold over silver plating
TERMINAL SEAL: Epoxy
Operating Environment
OPERATING TEMPERATURE: -40˚C to 85˚C (+105˚C non-illuminated)
OPERATING LIFE: 1,000,000 cycles
Process Environment
SEALING: IP67
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
AP
AP Series
B
E
P
A
A–3
A
AP Series
Industrial Pushbutton Switch
Operating Force
2
2 Newtons
4
4 Newtons
Actuator Style
D
Dome / Convex
C
Concave
E
Extended Dome
N
None
Actuator Color
0
No Cap
2
Black
3
Red
4
Orange
5
Yellow
6
Green
Illumination
00
No LED*
01
Super White
02
Bi-color; Red (Green)
03
Red
05
Amber
06
Green
07
Super Blue
08
Bi-color; Amber (Green)
* No LED available in short body only
Contact Material
B
Gold
Terminal Seal
E
Epoxy
All models are epoxy sealed
Termination
Z
Solder Lug
W
12” Wire Leads 22 AWG
C****
PC Terminals
Bushing Style**
S
Snap-in plastic
T***
Threaded plastic
**
Metal threaded bushing available, contact
Customer Service
***
T bushing style includes: 1 lockwasher, 1 hex nut & 1
panel seal washer
****
Illumination not available with PC Terminals
Contact Customer Service for additional hardware options.
NEW!
Please contact Customer
Service for additional colors
and paint / laser etched
button options.


Similar Part No. - AP2C600SZBE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AP2C-2H-Z COPAL-AP2C-2H-Z Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
AP2C-2M-Z COPAL-AP2C-2M-Z Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
AP2C-2S-Z COPAL-AP2C-2S-Z Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
AP2C-6H-Z COPAL-AP2C-6H-Z Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
AP2C-6M-Z COPAL-AP2C-6M-Z Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
More results

Similar Description - AP2C600SZBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
   Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
   Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
2021
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
   Sealed Industrial Pushbutton Switch
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
   Sealed Industrial Pushbutton Switch
4 May 20
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
   AP Series Industrial Pushbutton Switch
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com