Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8220 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI8220
Description  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8220 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8220 Datasheet HTML 6Page - Silicon Laboratories SI8220 Datasheet HTML 7Page - Silicon Laboratories SI8220 Datasheet HTML 8Page - Silicon Laboratories SI8220 Datasheet HTML 9Page - Silicon Laboratories SI8220 Datasheet HTML 10Page - Silicon Laboratories SI8220 Datasheet HTML 11Page - Silicon Laboratories SI8220 Datasheet HTML 12Page - Silicon Laboratories SI8220 Datasheet HTML 13Page - Silicon Laboratories SI8220 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Si8220/21
10
Rev. 0.22
Figure 4. (NB SOIC-8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Table 8. Absolute Maximum Ratings1
Parameter
Conditions
Min
Typ
Max
Units
Storage temperature2
TSTG
–65
+150
C
Operating temperature
–40
+125
C
Output supply voltage
VDD
–0.6
30
V
Output voltage
VO
–0.5
VDD + 0.5
V
Output current drive
IO
——
10
mA
Input current
IF(AVG)
–100
30
V
Lead solder temperature (10 s)
260
C
Maximum Isolation Voltage (1 s) NB SOIC-8
4250
VRMS
Maximum Isolation Voltage (1 s) WB SOIC-16
6500
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions specified in the operational sections of this data sheet.
2. VDE certifies storage temperature from –40 to 150 °C.
0
200
150
100
50
60
40
20
0
Case Temperature (ºC)
VDDI = 5.5 V
VDDA, VDDB = 24 V
10
30
50


Similar Part No. - SI8220

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8220BB-D-IS SKYWORKS-SI8220BB-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8220BD-D-IS SKYWORKS-SI8220BD-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8220CB-D-IS SKYWORKS-SI8220CB-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8220CD-D-IS SKYWORKS-SI8220CD-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Similar Description - SI8220

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com