Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8221CC-A-IS Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si8221CC-A-IS
Description  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8221CC-A-IS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si8221CC-A-IS Datasheet HTML 5Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 6Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 7Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 8Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 9Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 10Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 11Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 12Page - Silicon Laboratories Si8221CC-A-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Si8220/21
Rev. 0.22
9
Figure 3. (WB SOIC-16) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Table 6. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
Min Typ
Max
Unit
WB
SOIC-16
NB
SOIC-8
Case Temperature
TS
150
150
°C
Safety input, output, or
supply current
IS
JA = 140 °C/W (NB SOIC-8),
100 °C (WB SOIC-16),
VI =5.5 V, TJ =150 °C, TA =25°C
——
50
40
mA
Device Power
Dissipation2
PD
——
1.2
1.2
W
Notes:
1. Maximum value allowed in the event of a failure; also see the thermal derating curve in Figure 4.
2. The Si822x is tested with VO =24V, TJ =150 ºC, CL = 200 pF, input a 2 MHz 50% duty cycle square wave.
Table 7. Thermal Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
WB SOIC-16
NB SOIC-8
IC Junction-to-Air Thermal Resis-
tance
JA
100
140
ºC/W
0
200
150
100
50
60
40
20
0
Case Temperature (ºC)
VDDI = 5.5 V
VDDA, VDDB = 24 V
10
30
50


Similar Part No. - Si8221CC-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8221CC-D-IS SKYWORKS-SI8221CC-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Similar Description - Si8221CC-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com