Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVR100AZ-B3V0 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PVR100AZ-B3V0
Description  Voltage regulator series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PVR100AZ-B3V0 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PVR100AZ-B3V0 Datasheet HTML 5Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 6Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 7Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 8Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 9Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 10Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 11Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 12Page - NXP Semiconductors PVR100AZ-B3V0 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PVR100AZ-B_SER_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2006
9 of 17
NXP Semiconductors
PVR100AZ-B series
Voltage regulator series
VCE =1V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 2.
NPN transistor: DC current gain as a function
of collector current; typical values
Fig 3.
NPN transistor: Collector current as a function
of collector-emitter voltage; typical values
VCE =1V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 4.
NPN transistor: Base-emitter voltage as a function of collector current; typical values
006aaa845
200
400
600
hFE
0
IC (mA)
10−1
103
102
110
(3)
(2)
(1)
006aaa846
VCE (V)
05
4
23
1
0.4
0.8
1.2
IC
(A)
0
IB (mA) = 13
11.7
10.4
9.1
7.8
2.6
1.3
3.9
5.2
6.5
006aaa848
0.4
0.8
1.2
VBE
(V)
0
IC (mA)
10−1
103
102
110
(3)
(2)
(1)


Similar Part No. - PVR100AZ-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AD-B NXP-PVR100AD-B Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B12V NXP-PVR100AD-B12V Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B2V5 NXP-PVR100AD-B2V5 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B3V0 NXP-PVR100AD-B3V0 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B3V3 NXP-PVR100AD-B3V3 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
More results

Similar Description - PVR100AZ-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AD-B NXP-PVR100AD-B Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
logo
Billiton Ltd.
TP72 ASIC-TP72 Datasheet
146Kb / 7P
   Series voltage differential voltage regulator
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
List of Unclassifed Man...
ML62 ETC-ML62 Datasheet
637Kb / 14P
   ML62 Series Positive Voltage Regulator
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com