Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58646 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA58646
Description  UHF 900 MHz transceiver IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58646 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA58646 Datasheet HTML 4Page - NXP Semiconductors SA58646 Datasheet HTML 5Page - NXP Semiconductors SA58646 Datasheet HTML 6Page - NXP Semiconductors SA58646 Datasheet HTML 7Page - NXP Semiconductors SA58646 Datasheet HTML 8Page - NXP Semiconductors SA58646 Datasheet HTML 9Page - NXP Semiconductors SA58646 Datasheet HTML 10Page - NXP Semiconductors SA58646 Datasheet HTML 11Page - NXP Semiconductors SA58646 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
SA58646_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 8 February 2007
8 of 42
NXP Semiconductors
SA58646
UHF 900 MHz transceiver IC
[1]
In RX and TX mode, the crystal oscillator is automatically activated. An external frequency can be forced to
pins XTALI and XTALO.
[2]
In RX and TX mode, the voltage regulator with adjustment is automatically enabled; bit REG can be either
logic 1 or logic 0.
[3]
If the voltage doubler is enabled, the crystal oscillator is automatically activated.
[4]
In Inactive mode, the earpiece amplifier is automatically disabled.
7.1.3 Control bits in power saving modes
Table 5 shows the control bit values for selection of each mode and the typical current
consumption for those modes.
When the clock output is activated, an extra power consumption is applied which is
proportional to the programmed bit CLKO. If bit XTAL_H = 0, then the crystal loss is less
than 50
Ω to ensure reliable start-up.
Table 4.
Activated blocks
Circuit block
Mode
Active
RX
Inactive
Crystal active[1]
XXX
Clock output not disabled
X
X
X
Voltage regulator active[2]
XXX
Power amplifier active
X
-
-
Doubler enabled[3]
XXX
Hard limiter or automatic level control not
disabled
X-
-
Earpiece amplifier enabled
X
X
-[4]
Table 5.
Control bit values
VCC = 3.3 V; Tamb =25 °C; fxtal = 10.24 MHz.
Power saving
mode
MODE[1:0]
Conditions
Typical
current
consumption
Bit 1
Bit 0
Voltage
doubler
Crystal
oscillator
Voltage
regulator
Clock
output
Active mode
1
1
-
-
-
-
76 mA
RX mode
1
0
-
-
-
-
58 mA
Inactive mode
0
X
inactive
disabled
disabled
disabled
< 10
µA
XTAL_H = 0
210
µA
XTAL_H = 1
300
µA
inactive
XTAL_H = 1
enabled
disabled
550
µA
active
690
µA
Table 6.
Extra power consumption
Divider ratio
Extra current consumption
Bits CLK_DIV[2:0]
Bit CLKO = 0
Bit CLKO = 1
XXX (1, 2, 2.5, 4, 128)
520
µA
350
µA
000 (off)
0
µA0 µA


Similar Part No. - SA58646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58641DK PHILIPS-SA58641DK Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
   Excellent overload capability
Rev. 01-20 November 2006
More results

Similar Description - SA58646

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
   900 MHz RF Transceiver
REV. 0
logo
Murata Manufacturing Co...
WIT910M2 MURATA-WIT910M2 Datasheet
374Kb / 2P
   900 MHz FHSS Transceiver Module
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
   900 MHz FHSS Transceiver Module
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
   Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
logo
Micrel Semiconductor
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
   QwikRadiotm 900 MHz UHF Receiver Preliminary Information
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
logo
Yantel Corporation
HC0850U03-010 YANTEL-HC0850U03-010 Datasheet
1Mb / 4P
   3dB 90째 Coupler IC 820 MHz-900 MHz
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com