Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C650BIA44 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C650BIA44
Description  5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C650BIA44 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C650BIA44 Datasheet HTML 1Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 2Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 3Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 4Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 5Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 6Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 7Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 8Page - NXP Semiconductors SC16C650BIA44 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
SC16C650B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2009
4 of 48
NXP Semiconductors
SC16C650B
UART with 32-byte FIFOs and IrDA encoder/decoder
5.
Pinning information
5.1 Pinning
Fig 2.
Pin configuration for PLCC44
Fig 3.
Pin configuration for LQFP48
SC16C650BIA44
D5
RESET
D6
OUT1
D7
DTR
RCLK
RTS
RX
OUT2
n.c.
n.c.
TX
INT
CS0
RXRDY
CS1
A0
CS2
A1
BAUDOUT
A2
002aaa603
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
RESET
OUT1
DTR
RTS
OUT2
n.c.
INT
RXRDY
A0
A1
A2
D5
D6
D7
RCLK
n.c.
RX
TX
CS0
CS1
CS2
BAUDOUT
SC16C650BIB48
n.c.
n.c.
002aaa604
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - SC16C650BIA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650BIA44 PHILIPS-SC16C650BIA44 Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
More results

Similar Description - SC16C650BIA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652B NXP-SC16C652B_V01 Datasheet
219Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
SC16C654B PHILIPS-SC16C654B Datasheet
302Kb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 02-20 June 2005
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
   5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com