Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56004GDP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA56004GDP
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004GDP Datasheet(HTML) 5 Page - NXP Semiconductors

  SA56004GDP Datasheet HTML 1Page - NXP Semiconductors SA56004GDP Datasheet HTML 2Page - NXP Semiconductors SA56004GDP Datasheet HTML 3Page - NXP Semiconductors SA56004GDP Datasheet HTML 4Page - NXP Semiconductors SA56004GDP Datasheet HTML 5Page - NXP Semiconductors SA56004GDP Datasheet HTML 6Page - NXP Semiconductors SA56004GDP Datasheet HTML 7Page - NXP Semiconductors SA56004GDP Datasheet HTML 8Page - NXP Semiconductors SA56004GDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
5 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
7.
Functional description
Refer to Figure 1 “Block diagram”.
7.1 Serial bus interface
The SA56004X should be connected to a compatible two-wire serial interface System
Management Bus (SMBus) as a slave device using the two device terminals SCLK and
SDATA. The ALERT pin can optionally be used with the SMBus protocol to implement the
ARA response. The controller will provide a clock signal to the device SCLK pin and
write/read data to/from the device through the device SDATA pin. External pull-up
resistors, about 10 k
Ω each, are needed for these device pins due to open-drain circuitry.
Data of 8-bit digital byte or word are used for communication between the controller and
the device using SMBus 2.0 protocols which are described more in Section 7.10 “SMBus
interface”. The operation of the device to the bus is described with details in the following
sections.
7.2 Slave address
The SA56004X has a 7-bit slave address register which is factory programmed in OTP
memory. Eight unique devices are available with different slave addresses as defined in
Table 2 “Ordering options”. Up to eight devices can reside on the same SMBus without
conflict, provided that their addresses are unique.
7.3 Register overview
The SA56004X contains three types of SMBus addressable registers. These are
read-only (R), write-only (W), and read-write (R/W). Attempting to write to any R-only
register or read data from any W-only register will produce an invalid result. Some of the
R/W registers have separate addresses for reading and writing operations.
The registers of the SA56004X serve four purposes:
Control and configuration of the SA56004X
Status reporting
Temperature measurement storage
ID and manufacturer test registers
Table 4 describes the names, addresses, Power-On Reset (POR), and functions of each
register. The data of the temperature-related registers is in 2’s complement format in
which the MSB is the sign bit. The 8-bit data of other registers is in 8-bit straight format.


Similar Part No. - SA56004GDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004GDP PHILIPS-SA56004GDP Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
More results

Similar Description - SA56004GDP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
logo
NXP Semiconductors
SA56004X PHILIPS-SA56004X Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com