Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17H734D Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # DS17H734D
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H734D Datasheet(HTML) 5 Page - Sanyo Semicon Device

  DS17H734D Datasheet HTML 1Page - Sanyo Semicon Device DS17H734D Datasheet HTML 2Page - Sanyo Semicon Device DS17H734D Datasheet HTML 3Page - Sanyo Semicon Device DS17H734D Datasheet HTML 4Page - Sanyo Semicon Device DS17H734D Datasheet HTML 5Page - Sanyo Semicon Device DS17H734D Datasheet HTML 6Page - Sanyo Semicon Device DS17H734D Datasheet HTML 7Page - Sanyo Semicon Device DS17H734D Datasheet HTML 8Page - Sanyo Semicon Device DS17H734D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4
Combination list of 3-phase driver
System type
Motor flange size Basicstepangle
Setpartnumber
Motor model number
Rated current
Single shaft
Double shaft
Single shaft
Double shaft
Standard model
42 mm
1.65 inch
1.2°
DS17H532S
DS17H532D
103H5332-0340
103H5332-0310
3 A
1.2°
DS17H533S
DS17H533D
103H5333-0340
103H5333-0310
3 A
50 mm
1.97 inch
1.2°
DS17H632S
DS17H632D
103H6332-0340
103H6332-0310
3 A
1.2°
DS17H633S
DS17H633D
103H6333-0340
103H6333-0310
3 A
56 mm
2.20 inch
1.2°
DS17H732S
DS17H732D
103H7332-0340
103H7332-0310
3 A
1.2°
DS17H733S
DS17H733D
103H7333-0340
103H7333-0310
3 A
60 mm
2.36 inch
1.2°
DS17H782S
DS17H782D
103H7832-0340
103H7832-0310
3 A
1.2°
DS17H783S
DS17H783D
103H7833-0340
103H7833-0310
3 A
Basic
specifications
Model number
PMDSA1S3P01
Input source
Main
power
DC24 V ± 10
Control power
Source current
3AMAX.
Environment
Operating ambient temperature
0to +50°
C
Conservation temperature
-20 to +70°
C
Operating ambient humidity
35 to 85 RHno condensation
Conservation humidity
10 to 90 RHno condensation
Vibration resistance
0.5G Tested under the following conditions, frequencyrange :10to55Hz, direction : along the X, Y,
andZaxes, for2hours
Impact resistance
Considering theNDS-C-0110standardsection 3.2.2 division C ,not influenced
Withstand voltage
Not influenced when AC500 V isapplied between power input terminal and cabinet for one minute
Insulation resistance
10M Ω when measured with DC500 V megohmmeter between
Mass
Weight
0.14 kg0.31 lbs
Applied Standards
UL Standards
UL508C
File No.
E179775
Functions
Selection function
Auto current down, step angle, pulse input methodoptional
I/O
signals
Command pulse input signal
Photo coupler input method, input resistance 330 Ω
Input signal voltage:H=4.0 to 5.5V
            L=0to0.5 V
Maximuminput frequency : 50kpulse/s
Power down input signal
Photo coupler input method, input resistance 330 Ω
Input signal voltage:H=4.0 to 5.5V
     L=0to0.5 V
Rotation monitor output signal
Open collectoroutputbyphoto coupler
Output signal standard,Vceo=30VMAX., Ic=5 mAMAX.
Specificationsofdriver


Similar Part No. - DS17H734D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H734D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com