Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L92 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC28L92 Datasheet HTML 1Page - NXP Semiconductors SC28L92 Datasheet HTML 2Page - NXP Semiconductors SC28L92 Datasheet HTML 3Page - NXP Semiconductors SC28L92 Datasheet HTML 4Page - NXP Semiconductors SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
5 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
The data pins TxD and RxD are considered idle at the logic 1 (HIGH) level when inactive, or active when at the logic 0
(LOW) level. Comments about these levels when RS232 is referenced often refer to Mark and Space levels. Mark usually
means inactive and Space means active. The voltage levels represented by the terms Mark and Space are often reversed
from those above: Mark is low voltage, and Space is high voltage.
Fig 2.
Block diagram (68xxx mode)
SC28L92 (68xxx mode)
002aad460
8
BUS BUFFER
CHANNEL B
(AS ABOVE)
D0 to D7
OPERATION
CONTROL
ADDRESS
DECODE
R/W CONTROL
RESETN
I/M
ground for
68xxx mode
A0 to A3
CEN
IACKN
R/WN
4
INTERRUPT
CONTROL
IMR
ISR
GP
TIMING
BAUD RATE
GENERATOR
CLOCK
SELECTORS
COUNTER/
TIMER
XTAL
OSCILLATOR
CSRA
CSRB
ACR
CTL
CTU
INTRN
X2
X1/CLK
CHANNEL A
16-BYTE
TRANSMIT FIFO
TRANSMIT
SHIFT REGISTER
16-BYTE
RECEIVE FIFO
WATCHDOG
TIMER
TxDA
RxDA
RxDB
RECEIVE
SHIFT REGISTER
MRA0, 1, 2, 3
CRA
SRA
INPUT PORT
CHANGE-OF-
STATE
DETECTORS (4)
ACR
IPCR
IP0 to IP5
6
TxDB
OUTPUT PORT
FUNCTION
SELECT LOGIC
OPR
OPCR
OP0 to OP7
8
DACKN


Similar Part No. - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1A PHILIPS-SC28L92A1A Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1B PHILIPS-SC28L92A1B Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
More results

Similar Description - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Texas Instruments
TL28L92 TI-TL28L92 Datasheet
717Kb / 61P
[Old version datasheet]   3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com