Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752BIBS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC68C752BIBS
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752BIBS Datasheet(HTML) 2 Page - NXP Semiconductors

  SC68C752BIBS Datasheet HTML 1Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 2Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 3Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 4Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 5Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 6Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 7Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 8Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
2 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
5 V tolerant on input only pins1
Software selectable baud rate generator
Prescaler provides additional divide-by-4 function
Industrial temperature range (
−40 °C to +85 °C)
Fast data bus access time
Programmable Sleep mode
Programmable serial interface characteristics
5-bit, 6-bit, 7-bit, or 8-bit characters
Even, odd, or no parity bit generation and detection
1, 1.5, or 2 stop bit generation
False start bit detection
Complete status reporting capabilities in both normal and Sleep mode
Line break generation and detection
Internal test and loopback capabilities
Fully prioritized interrupt system controls
Modem control functions (CTS, RTS, DSR, DTR, RI, and CD)
3.
Ordering information
1.
For data bus pins D7 to D0, see Table 25 “Limiting values”.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SC68C752BIB48 LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
SC68C752BIBS
HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals; body 5
× 5 × 0.85 mm
SOT617-1


Similar Part No. - SC68C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C752BIBS PHILIPS-SC68C752BIBS Datasheet
236Kb / 49P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
More results

Similar Description - SC68C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
   5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com