Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT41050T-3ETR13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LT41050T-3ETR13
Description  Isolated High-Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT41050T-3ETR13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LT41050T-3ETR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT41050T-3ETR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IL41050
5
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Specifications (...cont.)
Electrical Specifications are Tmin to Tmax and VDD1, VDD2= 4.5 V to 5.5 V unless otherwise stated.
Differential input capacitance
Ci(dif)
3.75
10
pF
VTxD = VDD1
Input leakage current at CANH
ILI(CANH)
100
170
250
μA
VCANH= 5 V, VDD2= 0 V
Input leakage current at CANL
ILI(CANL)
100
170
250
μA
VCANL= 5 V, VDD2= 0 V
Thermal Shutdown
Shutdown junction temperature
Tj(SD)
155
165
180
°C
Timing Characteristics
TxD to bus active delay
td(TxD-BUSon)
29
32
63
66
125
128
ns
VS= 0 V; VDD1 = 5 V
VS = 0 V; VDD1 = 3.3 V
TxD to bus inactive delay
td(TxD-BUSoff)
29
32
68
71
110
113
ns
VS = 0 V; VDD1 = 5 V
VS = 0 V; VDD1 = 3.3 V
Bus active to RxD delay
td(BUSon-RxD)
24
27
58
61
125
128
ns
VS = 0 V; VDD1 = 5 V
VS = 0 V; VDD1 = 3.3 V
Bus inactive to RxD delay
td(BUSoff-RxD)
49
52
103
106
170
173
ns
VS = 0 V; VDD1 = 5 V
VS = 0 V; VDD1 = 3.3 V
TxD dominant time for timeout
Tdom(TxD)
250
457
765
μs
VTxD = 0 V
3.0 V > VDD1 < 5.5 V
Magnetic Field Immunity
(3)
VDD1 = 5 V, VDD2 = 5 V
Power frequency magnetic immunity
HPF
2,500
3,000
A/m
50 Hz/60 Hz
Pulse magnetic field immunity
HPM
3,000
3,500
A/m
tp = 8 µs
Cross-axis immunity multiplier
KX
1.8
Figure 1
VDD1 = 3.3 V, VDD2 = 5 V
Power frequency magnetic immunity
HPF
1,000
1,500
A/m
50 Hz/60 Hz
Pulse magnetic field immunity
HPM
1,800
2,000
A/m
tp = 8 µs
Cross-axis immunity multiplier
KX
1.5
Figure 1
Notes:
1. The TxD input is edge sensitive. Voltage magnitude of the input signal is specified, but edge rate specifications must also be met.
2. The maximum time allowed for a logic transition at the TxD input is 1 μs.
3. Uniform magnetic field applied across the pins of the device. Cross-axis multiplier effective when field is applied perpendicular to the pins.
4. If VDD2 falls below the specified failsafe supply voltage, RxD will go High.
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.
Electromagnetic Compatibility
The IL41050 is fully compliant with generic EMC standards EN50081, EN50082-1 and the umbrella line-voltage standard for Information
Technology Equipment (ITE) EN61000. The IsoLoop Isolator’s Wheatstone bridge configuration and differential magnetic field signaling ensure
excellent EMC performance against all relevant standards. NVE conducted compliance tests in the categories below:
EN50081-1
Residential, Commercial & Light Industrial
Methods EN55022, EN55014
EN50082-2: Industrial Environment
Methods EN61000-4-2 (ESD), EN61000-4-3 (Electromagnetic Field Immunity), EN61000-4-4 (Electrical Transient Immunity),
EN61000-4-6 (RFI Immunity), EN61000-4-8 (Power Frequency Magnetic Field Immunity), EN61000-4-9 (Pulsed Magnetic
Field), EN61000-4-10 (Damped Oscillatory Magnetic Field)
ENV50204
Radiated Field from Digital Telephones (Immunity Test)
Immunity to external magnetic fields is higher if the field direction is “end-to-end” (rather than to “pin-to-pin”) as shown in the
diagram at right.
Fig. 1


Similar Part No. - LT41050T-3ETR13

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT410 LETEX-LT410 Datasheet
174Kb / 3P
   Photo DMOS-FET Relay
More results

Similar Description - LT41050T-3ETR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com