Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34S75C4F4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M34S75C4F4
Description  Compact Automotive Connectors for PCB-to-Cable Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M34S75C4F4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M34S75C4F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 2Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 3Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 4Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 5Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 6Page - List of Unclassifed Manufacturers M34S75C4F4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/6
MB-0175-1
October 2007
JAE PMK Div. Proprietary. Copyright © 2007,Japan Aviation Electronics Industry, Ltd.
Features
General Specifications
MX34 Series (for Low Pin Counts)
Compact Automotive Connectors for PCB-to-Cable Applications
•No. of contacts: Single row 3, 5, 7 pos.
Double row 8 pos.
•Contact resistance:
5m ohm max. (initial)
•Dielectric withstanding voltage:
AC 1000V (per minute)
•Operating temperature:
-40 Deg. C to +85 Deg. C
•Rated current: 3A
•Insulation resistance: 100M ohm min
•Durability: 50 times
•Applicable wire:
Please refer to next page
Compact, single row type connectors have been developed to add to the existing line
of MX34 Series connectors for automobiles.
The available pin counts are 3, 5 and 7 positions, available in straight and angle pin
header type. (Straight type is available in 5 and 7 positions)
Hook pins are placed on both sides for easier board attachment. An 8 position,
double row type has also been developed.
•Compact, single row PCB-to-cable connector with 2.2 mm horizontal pitch.
(8 pos. is available in double row, 2.4mm pitch)
•Hook pins are placed on both sides for easier board attachment.
•Socket contact with box-type pin header is durable in external forces; contact is
highly resistant to twisting and equipped with a proven double leaf spring.
(In common with MX34 Series double row type)
• Adoption of a preset-type retainer facilitates easy wire harness operation.
If retainer is not completely inserted in housing, the connector is not engaged,
and incomplete contact insertion is detected.
•Lock spring is equipped with a bridge protecting the contacts from external load.
RoHS Compliant


Similar Part No. - M34S75C4F4

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
M34S75C4F4 JAE-M34S75C4F4 Datasheet
129Kb / 1P
   025 FEMALE TERMINAL MSP1R
M34S75C4F4 JAE-M34S75C4F4 Datasheet
147Kb / 2P
   Transportation
More results

Similar Description - M34S75C4F4

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX34 JAE-MX34 Datasheet
155Kb / 6P
   Compact Automotive Connectors for PCB-to-Cable Applications
MX47 JAE-MX47 Datasheet
284Kb / 5P
   Compact Waterproof Automotive Connectors
logo
Fujitsu Component Limit...
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A Datasheet
78Kb / 2P
   For 600V to 3000V Automotive Applications
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com