Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL03002031ST Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HPL03002031ST
Description  High Life Cycle, High Temperature Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPL03002031ST Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HPL03002031ST Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL03002031ST Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL03002031ST Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL03002031ST Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL03002031ST Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 5
Diagram - Stock Rotary HotPot
Ø45.57 [Ø1.794]
(CENTER OF TRACK)
Ø65.74 [Ø2.588]
OUTSIDE PERIMETER
PIN 1
10.16 [0.400]
111.88 [4.405]
5.08 [0.200]
Ø25.40 [Ø1.000]
THRU HOLE
5.08 [0.200]
10.01 [0.394]
ACTIVE WIDTH
353°
ACTIVE
ANGLE
How to Order - Rotary HotPot
Electrical Schematic
Material Cross-Section
10K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0353
Active Angle
R
Model
R = Rotary
HP
Series
HP = HotPot
0046 = 45.57mm
0353 = 353°
0046
103
Resistance
103 = 10 KOhm
ST
Center of
Active Track
Connectors
ST = Solder Tab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
0.05 [0.002] 3M 200MP ADHESIVE
0.46 [0.018] TOTAL THICKNESS
0.41 [0.016] CIRCUIT
ST
5%
Ind. Linearity
3% = ±3%
5% = ±5%


Similar Part No. - HPL03002031ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL0603 ETC-HPL0603 Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603 ETC2-HPL0603 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO ETC-HPL0603-1NO Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603-1NO ETC2-HPL0603-1NO Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO-E02 ETC2-HPL0603-1NO-E02 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - HPL03002031ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
   High junction temperature capability
April 2011 Rev 1
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
   Very high operating temperature capability
logo
DB Lectro Inc
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5303Z DBLECTRO-SC5R5303Z Datasheet
375Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
   High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com