Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM551S Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSM551S
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM551S Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSM551S Datasheet HTML 1Page - Sanyo Semicon Device FSM551S Datasheet HTML 2Page - Sanyo Semicon Device FSM551S Datasheet HTML 3Page - Sanyo Semicon Device FSM551S Datasheet HTML 4Page - Sanyo Semicon Device FSM551S Datasheet HTML 5Page - Sanyo Semicon Device FSM551S Datasheet HTML 6Page - Sanyo Semicon Device FSM551S Datasheet HTML 7Page - Sanyo Semicon Device FSM551S Datasheet HTML 8Page - Sanyo Semicon Device FSM551S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Controlpanel spaceisreduced
Volume is reducedbyupto50% forACinput typesand 45%for DC inputtypes compared
to current models.
3
Easy maintenance
2-digit 7-segment LED displays
operating status and alarm for
easy troubleshooting and
faster system recovery.
4
50% reduction
for 200V types
Test run function
JOG
With built-in positioning function
On-board JOG operation function is available for testing motor
andamplifier connection withoutthe need to connecttohost
device.
Encoder I/F Control
With built-in positioning function
Motor stall detection is possible by connecting a motor encoder. 500P/
R
1000/2000 multiplier functionline driver method.
PC-based setup monitor
With built-in positioning function
Parameterand programsettingscan be made from thebundled
setup software.
Capable of JOG operation
without connecting to host
device
PLC
F motor
Designate
program
number”1”
Load
Highly precise positioning
is possible
Parameter
(position, speed)
Program settings
AC input
AC input
DC input
AC input
AC input
AC input
AC input
AC input
DC input
45% reduction
for 24 V types
AC input
F motor
Tare weight
General-purpose I/O input
for positioning
With built-in positioning function
System positioningiseasilyexecutedbyusing general-purpose
I/Ofromanupper-level controller
PLCto designate preset
program numbers.
Compliance with
international standards
Thestandardspecification SANMOTIONFseries stepping
driver complies with UL and EN safety standards. Stepping
motors complying with UL and EN standards are available upon
request. EMC filters are also available to comply with the EMC
directive.
Brake control
Automatic brake activation timing control is available when
using electromagnetic brake motors.
• Internal power source for brake
FP type


Similar Part No. - FSM551S

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FSM58 PF-FSM58 Datasheet
277Kb / 5P
   Multiturn absolute encoder
logo
Tyco Electronics
FSM5J MACOM-FSM5J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM5J MACOM-FSM5J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM5JA MACOM-FSM5JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM5JA MACOM-FSM5JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM551S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com