Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR0816P-102-B-T1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR0816P-102-B-T1
Description  RR series, ultra-precision metal film chip resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR0816P-102-B-T1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR0816P-102-B-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RR series, ultra-precision metal
film chip resistors
Available for resistance tolerance of +/-0.1%, thermal coefficient of resistance of
+/-5ppm/degree C
Our SMD components contribute to lead-free composition of electronic products.
W
P
L
T
Dimension
(mm)
RR0816
(0603)
RR1220
(RN73)
(0805)
RR1632
(1206)
RR2632
(1210)
L
W
P
T
1.60 0.20
0.80 0.20
0.30 0.20
0.40 0.10
2.00 0.20
1.25 0.20
0.40 0.20
0.40 0.10
3.20 0.20
1.60 0.20
0.50 0.20
0.40 0.10
3.20 0.20
2.60 0.20
0.50 0.20
0.40 0.10
RR0816
Type
Power
Resistance Range(ohm)
Resistance Value
Maximum Operating Voltage
•RR1632 and RR2632 with resistance value less than 50 ohm are also available.
•RR0510 type with resistance tolerance +/-0.1% is also available.
1/16W
0.1%
(B)
0.1%
(B)
0.1%
(B)
0.1%
(B)
0.5%
(D)
25
(P)
100 332K
E 24/E 96
75V
RN73
RR1220
1/10W
5
(V)
25
(P)
511 100K
100 1M
10
(N)
100 100K
E 24/E 96
100V
RR1632
1/8W
5
(V)
25
(P)
100 200K
51 1M
10
(N)
100 200K
E 24/E 96
150V
RR2632
1/4W
5
(V)
10
(N)
100 330K 100 330K
25
(P)
51 2M
E 24/E 96
200V
RR 0816 P - 102 - B (-T1)
Resistance Tolerance
Resistance (The resistance values of RR1632 and
RR2632 are expressed in four-digit figures.)
Quantity in a tape:T1(1000pcs),T5(5000pcs),T10(10000pcs)
Power Rating
Temperature Coefficient
of Resistance
Dimensions
Part Code
SPECIFICATIONS
Mechanical
Electrical
Equivalent circuit
PART NUMBER
susumu group catalog
Temperature Coefficient
of Resistance ppm / C(code)
RN73 N 2X 1001 B (-T1)
Package
1,000
5,000pcs/reel
1,000
•5,000
pcs/reel
1,000
•5,000•
10,000pcs/reel
1,000
•5,000pcs/reel
1,000
•5,000pcs/reel
Resistance Tolerance
(code)
7


Similar Part No. - RR0816P-102-B-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR0816P-102-D ETC-RR0816P-102-D Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR0816P-102-F ETC-RR0816P-102-F Datasheet
54Kb / 1P
   high-precision metal film chip resistors
More results

Similar Description - RR0816P-102-B-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR1220P-101-D ETC2-RR1220P-101-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-103-D ETC-RR1220P-103-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-2490-D-M ETC-RR1220P-2490-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-392-D ETC2-RR0510P-392-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0306P-101-D ETC2-RR0306P-101-D Datasheet
51Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-4991-D-M ETC-RR1220P-4991-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-511-D ETC2-RR0510P-511-D Datasheet
51Kb / 1P
   RR series, high-precision metal film chip resistors
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
   Metal thin film chip resistors (Ultra-precision)
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
   ULTRA PRECISION METAL FILM RESISTORS
logo
Welwyn Components Limit...
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
   Ultra Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com