Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8932B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8932B Datasheet HTML 3Page - NXP Semiconductors TDA8932B Datasheet HTML 4Page - NXP Semiconductors TDA8932B Datasheet HTML 5Page - NXP Semiconductors TDA8932B Datasheet HTML 6Page - NXP Semiconductors TDA8932B Datasheet HTML 7Page - NXP Semiconductors TDA8932B Datasheet HTML 8Page - NXP Semiconductors TDA8932B Datasheet HTML 9Page - NXP Semiconductors TDA8932B Datasheet HTML 10Page - NXP Semiconductors TDA8932B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
7 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
8.3 Pulse width modulation frequency
The output of the amplifier is a PWM signal with a carrier frequency of approximately
320 kHz. Using a 2nd-order low-pass filter in the application results in an analog audio
signal across the loudspeaker. The PWM switching frequency can be set by an external
resistor Rosc connected between pins OSCREF and VSSD(HW). The carrier frequency can
be set between 300 kHz and 500 kHz. Using an external resistor of 39 k
Ω, the carrier
frequency is set to an optimized value of 320 kHz (see Figure 5).
If two or more TDA8932B devices are used in the same audio application, it is
recommended to synchronize the switching frequency of all devices. This can be realized
by connecting all OSCIO pins together and configure one of the TDA8932B in the
application as clock master, while the other TDA8932B devices are configured in slave
mode.
Pin OSCIO is a 3-state input or output buffer. Pin OSCIO is configured in master mode as
an oscillator output and in slave mode as an oscillator input. Master mode is enabled by
applying a resistor while slave mode is entered by connecting pin OSCREF directly to pin
VSSD(HW) (without any resistor).
The value of the resistor also sets the frequency of the carrier which can be estimated by
the following formula:
Fig 4.
Start-up sequence
VP
POWERUP
DREF
HVPREF
HVP1, HVP2
ENGAGE
2.0 V (typical)
1.2 V (typical)
audio
PWM
OUT1, OUT2
DIAG
OSCIO
001aaf885
operating
operating
PWM
PWM
sleep
mute
operating
fault
AUDIO
AUDIO
AUDIO
≤ 0.8 V


Similar Part No. - TDA8932B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8932B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com