Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9984A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
The device can handle HDCP based on 1.2 features.
Fig 1.
Block diagram
001aag595
2
× 12-bit YCbCr 4 : 2 : 2 semi-planar
1
× 12-bit YCbCr 4 : 2 : 2 ITU656
3
× 8-bit RGB or YCbCr 4 : 4 : 4
2
× 12-bit YCbCr 4 : 2 : 2 semi-planar
1
× 12-bit YCbCr 4 : 2 : 2 ITU656
TDA9984AHW
DOWN-
SAMPLER
4 : 4 : 4
to
4 : 2 : 2
VIDEO
INPUT
PROCESSOR
COLOR
SPACE
CONVERTER
RGB to YCbCr
YCbCr to RGB
UPSAMPLER
4 : 2 : 2
to
4 : 4 : 4
UPSCALER
4 : 2 : 2
AUDIO
PROCESSING
CLOCK
MANAGMENT
AUDIO
FIFO
CTS/N
AUDIO CONTENT
AUDIO INFO-FRAME
ACR
VIDEO INFO-FRAME
OTHER INFO-FRAME
HPD
MANAGEMENT
RxSENSE
INT
HPD
INTERRUPT
GENERATION
DATA
ISLAND
PACKET
INSERTION
VHREF GENERATOR
TMDS
SERIALIZER
26
TXC
27
TXC+
29
TX0
30
TX0+
32
TX1
33
TX1+
35
TX2
36
TX2+
I2C-BUS REGISTERS
I2C-BUS
SLAVE
HDCP
PROCESSING
OTP
MEMORY
KEYS
I2C_SCL I2C_SDA
DDC_SDA DDC_SCL
A0
A1
43
44
19
20
17
18
41
40
HARD
RESET
RST_N
42
VPP
VDDD(3V3)
VDDA(FRO)(3V3)
VDDH(3V3)
VDDA(PLL)(3V3)
VDDA(PLL)(1V8)
3
13, 48, 71
VSSD
14, 47,
72
VSSC
60, 73
VSSA(FRO)(3V3)
22
VSSA(PLL)(1V8)
46, 15
VSSH
25, 31,
37
VSSA(PLL)(3V3)
39
VDDC(1V8)
59, 74
23
28, 34
38
16, 45
VPA[7:0]
VPB[7:0]
VPC[7:0]
VSYNC/VREF
HSYNC/HREF
DE/FREF
2
1
80
68 to 70
75 to 79
57, 58
61 to 65,
67
49 to 56
VCLK
AP0 to AP7
4 to 11
TM
21
ACLK
12
66
DDC BUS
MASTER
EXT_SWING
24


Similar Part No. - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A PHILIPS-TDA9984A Datasheet
192Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Similar Description - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A PHILIPS-TDA9984A Datasheet
192Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com