Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M391T5263AZH3 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M391T5263AZH3
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391T5263AZH3 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M391T5263AZH3 Datasheet HTML 2Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 3Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 4Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 5Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 6Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 7Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 8Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 9Page - Samsung semiconductor M391T5263AZH3 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
- 6 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
200Pin DDR2 SODIMM
Org.
Density
Part Number
Speed
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
64Mx 64
512MB
M470T6464QZ(H)3
C(L)E7/F7/E6
64M x 16 * 4pcs
1Gb
Q-die
81
84 ball
FBGA
30mm
Now
M470T6464EHS
C(L)E7/F7/E6
1Gb
E-die
M470T6554IH3
CE6
32M x 16 * 8pcs
512Mb
I-die
4
2
128Mx 64
1GB
M470T2864QZ(H)3
C(L)E7/F7/E6
64M x 16 * 8pcs
1Gb
Q-die
8
2
84 ball
FBGA
30mm
Now
M470T2864EH3
C(L)E7/F7/E6
1Gb
E-die
M470T2863EH3
C(L)E7/F7/E6
128M x 8 * 8pcs
1
60 ball
FBGA
M470T2863FB3
CE7/F7/E6
1Gb
F-die
May. ’10
256Mx 64
2GB
M470T5663QZ(H)3
C(L)E7/F7/E6
128M x 8 * 16pcs
1Gb
Q-die
82
60 ball
FBGA
30mm
Now
M470T5663EH3
C(L)E7/F7/E6
1Gb
E-die
M470T5663FB3
CE7/F7/E6
1Gb
F-die
May. ’10
512Mx 64
4GB
M470T5267AZ(H)3
C(L)F7/E6
st.512M x 8 * 8pcs
2Gb
A-die
8
2
83 ball
FBGA
30mm
Now


Similar Part No. - M391T5263AZH3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391T2953BG0-CC SAMSUNG-M391T2953BG0-CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BG0-CD5/CC SAMSUNG-M391T2953BG0-CD5/CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BGZ0-CD5/CC SAMSUNG-M391T2953BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M391T2953BGZ3-CD5/CC SAMSUNG-M391T2953BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M391T2953CZ0-CCC SAMSUNG-M391T2953CZ0-CCC Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M391T5263AZH3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com