Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSF551D-CX20 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FSF551D-CX20
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF551D-CX20 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FSF551D-CX20 Datasheet HTML 1Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 2Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 3Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 4Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 5Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 6Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 7Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 8Page - Sanyo Semicon Device FSF551D-CX20 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
5-phase STEPPING SYSTEMS
F series DRIVER
F series MOTOR
M series MOTOR
Howdoyou want to controlthe equipment?
TheFseriesoffersthe choice of3different controlmethods
Control method
Point command
control using
PLC I/O
Network control
using serial
communication
RS-485
Control using a
pulse generator
AC power
source
DC power
source
AC input
with built-in positioning function
Startup via I/O :
Initiate program containing
speed, acceleration/deceleration,
and travel distance commands
stored in the driver via the I/O.
Startup via serial
communication:
Control by sending data for
speed, acceleration/deceleration,
and travel distance commands
via serial communication.
System configuration diagram
P7
Setpartnumbernomenclature
P9
Motor specifications
P47 to 58
General specifications
P25
26, 60
Motor dimension drawing
P61 to 64
Driver dimension drawing
P65
AC input
standard type
Motion is generated by pulse
input commands from an
upper-level controller.
System configuration diagram
P5
Setpartnumbernomenclature
P9
Motorspecifications
P47to58
General specifications
P23
24, 60
Motor dimension drawing P59to62
Driver dimension drawing
P63
DC input
Motion is generated by pulse
input commands from an
upper-level controller.
System configuration diagram P31
Setpartnumbernomenclature P32
Motorspecifications
P47to58
General specifications
P43
44, 60
Motor dimension drawing
P59to62
Driver dimension drawing
P63


Similar Part No. - FSF551D-CX20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FSF5X20 SCHURTER-FSF5X20 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
04.01.2022
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
More results

Similar Description - FSF551D-CX20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com