Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8160AEFV Datasheet(PDF) 4 Page - Rohm

Part # BD8160AEFV
Description  12V Input Multi-channel System Power Supply IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8160AEFV Datasheet(HTML) 4 Page - Rohm

  BD8160AEFV Datasheet HTML 1Page - Rohm BD8160AEFV Datasheet HTML 2Page - Rohm BD8160AEFV Datasheet HTML 3Page - Rohm BD8160AEFV Datasheet HTML 4Page - Rohm BD8160AEFV Datasheet HTML 5Page - Rohm BD8160AEFV Datasheet HTML 6Page - Rohm BD8160AEFV Datasheet HTML 7Page - Rohm BD8160AEFV Datasheet HTML 8Page - Rohm BD8160AEFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BD8160AEFV
Technical Note
4/18
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data (Unless otherwise specified, Ta = 25°C)
Fig.1 SUPPLY CURRENT
Fig.2 SUPPLY CURRENT
Fig.3 STANDBY CURRENT
4
4.2
4.4
4.6
4.8
5
8
1012
1416
18
VIN : [V]
0
100
200
300
400
500
600
700
8
101214
16
18
VIN : [V]
-10
-8
-6
-4
-2
0
2
4
6
8
10
8
1012
1416
18
AVIN : [V]
0
100
200
300
400
500
600
700
800
-40 -30 -20 -10 0
1020 304050607080
Ta : [℃]
750 kHz
500 kHz
Fig.5 SWITCHING FREQUENCY
Fig.4 REF VOLTAGE
Fig.6 SS SOURCE CURRENT
10
10.5
11
11.5
12
-40 -30 -20 -10 0
1020 30405060 7080
Ta : [℃]
1.207
1.208
1.209
1.210
1.211
1.212
1.213
1.214
1.215
1.216
1.217
-40 -30 -20 -10 0 1020 3040 50 6070 80
Ta : [℃]
Fig.7 DLY1,2 SOURCE CURRENT
Fig.8 INPUT BIAS CURRENT
Fig.9 INPUT BIAS CURRENT
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
-40 -30 -20 -10 0
1020 30405060 7080
Ta : [℃]
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
0.5
1
1.5
2
VFB, VFBB [V]
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
0.5
1
1.5
2
VFBP, VFBN [V]
Fig.10 EN1 THRESHOLD VOLTAGE
Fig.12 SW ON RESISTANCE
Fig.11 EN2 THRESHOLD VOLTAGE
0
0.5
1
1.5
2
2.5
00.5
11.5
2
VEN1 [V]
0
2
4
6
8
10
12
14
0
0.5
1
1.5
2
VEN2 [V]
0
0.05
0.1
0.15
0.2
0.25
0.3
-40 -30 -20 -10 0 10 203040 50607080
Ta [℃]


Similar Part No. - BD8160AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
More results

Similar Description - BD8160AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com