Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L3224JU0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M470L3224JU0
Description  DDR SDRAM Product Guide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3224JU0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M470L3224JU0 Datasheet HTML 1Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 2Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 3Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 4Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 5Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 6Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 7Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 8Page - Samsung semiconductor M470L3224JU0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DDR SDRAM
General Information
December 2007
3 : DIMM
4 : SODIMM
68 : x64 184pin Unbuffered DIMM
81 : x72 184pin ECC unbuffered DIMM
83 : x72 184pin Registered DIMM
12 : x72 184pin Low Profile Registered DIMM
70 : x64 200pin Unbuffered SODIMM
63 : x64 172pin Micro DIMM
T
TSOP II (400mil)
N
sTSOP
G
FBGA
16 : 16M
17 : 16M (for 128Mb/512Mb)
32 : 32M
33 : 32M (for 128Mb/512Mb)
64 : 64M
65 : 64M (for 128Mb/512Mb)
28 : 128M
29 : 128M (for 128Mb/512Mb)
56 : 256M
57 : 256M (for 512Mb)
51 : 512M
1stGen.
3rdGen.
5thGen.
7thGen.
9thGen.
0
: Mother PCB
2
: 2nd Rev.
S
: Reduced layer PCB
L : DDR SDRAM (2.5V VDD)
1. Memory Module : M
2. DIMM Configuration
3. Data Bits
4. Feature
5. Depth
12. Speed
11. Temp & Power
10. PCB Revision & Type
9. Package
8. Component Revision
Composition Component
PCB revision & Type
Component Revision
Refresh, # of Banks in Comp. & Interface
Depth
Feature
Data bits
DIMM Configuration
Memory Module
Package
Power
Speed
0 : x 4
3 : x 8
4 : x16
8 : x 4 Stack
9 : x 8 Stack
M X X X L X X X X X X X - X X X
7. Composition Component
1
2
3
4
5
6
7
8
9
10
11
12
1 :
4K/ 64ms Ref., 4Banks & SSTL-2
2 :
8K/ 64ms Ref., 4Banks & SSTL-2
6. Refresh, # of Banks in comp. & Interface
M
B
D
F
H
:
:
:
:
:
:
:
:
1 : 1st Rev.
3 : 3rd Rev.
: DDR400 (200MHz @ CL=3,
tRCD=3, tRP=3)
: DDR333 (166MHz @ CL=2.5, tRCD=3, tRP=3)
: DDR266 (133MHz @ CL=2 , tRCD=3, tRP=3)
: DDR266 (133MHz @ CL=2.5, tRCD=3, tRP=3)
CC
B3
A2
B0
C
L
: Commercial Temp.( 0
°C ~ 70°C) & Normal Power
: Commercial Temp.( 0
°C ~ 70°C) & Low Power
U
V
Z
: TSOP II*1 (Lead-Free)
: sTSOP II*1 (Lead-Free)
: FBGA*1 (Lead-Free)
(Note 1 : All of Lead-free product are in compliance with RoHS)
D. DDR SDRAM Module Ordering Information
2nd Gen.
4th Gen.
6th Gen.
8th Gen
11th Gen.
A
C
E
G
J
:
:
:
:
:


Similar Part No. - M470L3224JU0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA0 SAMSUNG-M470L3224DT0-CA0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA2 SAMSUNG-M470L3224DT0-CA2 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - M470L3224JU0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Elpida Memory
EDD5116AFTA-H ELPIDA-EDD5116AFTA-H Datasheet
493Kb / 52P
   512M bits DDR SDRAM High Quality Product
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com