Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T2864QZH3 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # M470T2864QZH3
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T2864QZH3 Datasheet(HTML) 2 Page - Samsung semiconductor

  M470T2864QZH3 Datasheet HTML 1Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 2Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 3Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 4Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 5Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 6Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 7Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 8Page - Samsung semiconductor M470T2864QZH3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
- 2 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
1. DDR2 SDRAM MEMORY ORDERING INFORMATION
56 : 256Mb
51 : 512Mb
1G :
1Gb
2G :
2Gb
4G :
4Gb
: x 4
: x 4 Stack
: x 8 Stack
: x 8
: x16
: x 4 Stack (JEDEC Standard)
: x 8 Stack (JEDEC Standard)
3 : 4 Banks
4 : 8 Banks
3. DRAM Type
4. Density
5. Bit Organization
6. # of Internal Banks
M
A
B
C
D
E
F
G
H
I
Q
R
Z
J
H
M
T
B
C
L
Y
9. Package Type
8. Revision
10. Temp & Power
1. SAMSUNG Memory : K
2. DRAM : 4
Revision
# of Internal Banks
Bit Organization
Density
DRAM Type
DRAM
SAMSUNG Memory
Interface (VDD, VDDQ)
Package Type
Temp & Power
1
2
3
4
5
6
7
8
9
10
11
Speed
T : DDR2 SDRAM
: Commercial Temp.( 0
°C ~ 95°C) & Normal Power
: Commercial Temp.( 0
°C ~ 95°C) & Low Power
: Commercial Temp.( 0
°C ~ 95°C) & Low Voltage
: FBGA (Lead-free)
: FBGA DDP (Lead-free)
: FBGA (Lead-free & Halogen-free)
: FBGA DDP (Lead-free & Halogen-free)
: FBGA DSP (Lead-free & Halogen-free, Thin)
: FBGA (Lead-free & Halogen-free, Flip Chip)
: 1st Gen.
: 2nd Gen.
: 3rd Gen.
: 4th Gen.
: 5th Gen.
: 6th Gen.
: 7th Gen.
: 8th Gen.
: 9th Gen.
: 10th Gen.
: 17th Gen.
: 18th Gen.
11. Speed
K 4 T X X X X X X X - X X X X
: DDR2-400 (200MHz @ CL=3, tRCD=3, tRP=3)
: DDR2-533 (266MHz @ CL=4, tRCD=4, tRP=4)
: DDR2-667 (333MHz @ CL=5, tRCD=5, tRP=5)
: DDR2-800 (400MHz @ CL=6, tRCD=6, tRP=6)
: DDR2-800 (400MHz @ CL=5, tRCD=5, tRP=5)
CC
D5
E6
F7
E7
Q : SSTL_18 (1.8V, 1.8V)
7. Interface ( VDD, VDDQ)
04
06
07
08
16
26
27


Similar Part No. - M470T2864QZH3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2864AZ3-CLE6/D5/CC SAMSUNG-M470T2864AZ3-CLE6/D5/CC Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
More results

Similar Description - M470T2864QZH3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com