Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L2923DV0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M470L2923DV0
Description  DDR SDRAM Product Guide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L2923DV0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M470L2923DV0 Datasheet HTML 2Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 3Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 4Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 5Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 6Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 7Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 8Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 9Page - Samsung semiconductor M470L2923DV0 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DDR SDRAM
General Information
December 2007
F. Package Dimension
66Pin TSOP(II) Package Dimension
#1
(1.50)
#66
#34
#33
(R
0.1
5)
22.22 ± 0.10
(0.71)
[0.65 ± 0.08]
0.65TYP
0.30
(10
°)
(10
°)
0.125
+0.075
- 0.035
(0
° ∼ 8°)
0.25TYP
± 0.08
0.10 MAX
0.075 MAX
[
Unit : mm
NOTE
1. (
) IS REFERENCE
2. [
] IS ASS’Y OUT QUALITY


Similar Part No. - M470L2923DV0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L2923DV0-CA2 SAMSUNG-M470L2923DV0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB0 SAMSUNG-M470L2923DV0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB3 SAMSUNG-M470L2923DV0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CCC SAMSUNG-M470L2923DV0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-LA2 SAMSUNG-M470L2923DV0-LA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M470L2923DV0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Elpida Memory
EDD5116AFTA-H ELPIDA-EDD5116AFTA-H Datasheet
493Kb / 52P
   512M bits DDR SDRAM High Quality Product
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com