Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T5663EH3 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M470T5663EH3
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T5663EH3 Datasheet(HTML) 5 Page - Samsung semiconductor

  M470T5663EH3 Datasheet HTML 1Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 2Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 3Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 4Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 5Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 6Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 7Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 8Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
- 5 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
4. DDR2 SDRAM Module Product Guide
240Pin DDR2 Unbuffered DIMM
Org.
Density
Part Number
Speed
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
64Mx 64
512MB
M378T6464QZ(H)3
CE7/F7/E6
64M x 16 * 4pcs
1Gb
Q-die
8
1
84 ball
FBGA
30mm
Now
M378T6464EHS
CE7/F7/E6
64M x 16 * 4pcs
1Gb
E-die
1
128Mx 64
1GB
M378T2863QZ(H)S
CE7/F7/E6
128M x 8 * 8pcs
1Gb
Q-die
81
60 ball
FBGA
30mm
Now
M378T2863EHS
CE7/F7/E6
1Gb
E-die
M378T2863FBS
CE7/F7/E6
1Gb
F-die
Jun. ’10
128Mx 72
M391T2863QZ(H)3
CE7/F7/E6
128M x 8 * 9pcs
1Gb
Q-die
81
Now
M391T2863EH3
CE7/F7/E6
1Gb
E-die
M391T2863FB3
CE7/F7/E6
1Gb
F-die
Jun. ’10
256Mx 64
2GB
M378T5663QZ(H)3
CE7/F7/E6
128M x 8 * 16pcs
1Gb
Q-die
82
60 ball
FBGA
30mm
Now
M378T5663EH3
CE7/F7/E6
1Gb
E-die
M378T5663FB3
CE7/F7/E6
1Gb
F-die
Jun. ’10
256Mx 72
M391T5663QZ(H)3
CE7/F7/E6
128M x 8 * 18pcs
1Gb
Q-die
Now
M391T5663EH3
CE7/F7/E6
1Gb
E-die
M391T5663FB3
CE7/F7/E6
1Gb
F-die
Jun. ’10
512Mx 64
4GB
M378T5263AZ(H)3
CF7/E6
256M x 8 * 16pcs
2Gb
A-die
82
68 ball
FBGA
30mm
Now
512Mx 72
M391T5263AZ(H)3
CF7/E6
256M x 8 * 18pcs
2Gb
A-die


Similar Part No. - M470T5663EH3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T5669AZ0-CLE6/D5/CC SAMSUNG-M470T5669AZ0-CLE6/D5/CC Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
More results

Similar Description - M470T5663EH3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com