Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T5663EH3 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M470T5663EH3
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T5663EH3 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M470T5663EH3 Datasheet HTML 3Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 4Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 5Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 6Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 7Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 8Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 9Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 10Page - Samsung semiconductor M470T5663EH3 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
- 7 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
240Pin DDR2 Registered DIMM
Org.
Density
Part Number
Speed
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
128Mx 72
1GB
M393T2863QZ(H)3
CD5/CC
128M x 8 * 9pcs
1Gb
Q-die
8
1
60 ball
FBGA
30mm
Now
M393T2863QZ(H)A
CE7/F7/E6
M393T2863FB3
CE7/F7/E6
1Gb
F-die
8
1
Jun. ’10
256Mx 72
2GB
M393T5663QZ3
CD5/CC
128M x 8 * 18pcs
1Gb
Q-die
8
2
60 ball
FBGA
30mm
Now
M393T5663QZ(H)A
CE7/F7/E6
M393T5660QZ3
CD5/CC
256M x 4 * 18pcs
1
M393T5660QZ(H)A
CE7/F7/E6
M393T5660FB3
CE7/F7/E6
1Gb
F-die
Jun. ’10
512Mx 72
4GB
M393T5160QZ3
CD5/CC
256M x 4 * 36pcs
1Gb
Q-die
8
2
60 ball
FBGA
30mm
Now
M393T5160QZ(H)A
CE7/F7/E6
M393T5160FB3
CE7/F7/E6
1Gb
F-die
Jun. ’10
M393T5260AZ(H)A
CF7/E6
512M x 4 * 18pcs
2Gb
A-die
1
68 ball
FBGA
Now
1Gx 72
8GB
M393T1G60QJ(M)A
CE6/D5
DDP 512M x 4 * 36pcs
1Gb
Q-die
8
4
63 ball
FBGA
30mm
Now
M393T1K66AZ(H)A
CF7/E6
st.1G x 4 * 18pcs
2Gb
A-die
2
83 ball
FBGA


Similar Part No. - M470T5663EH3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T5669AZ0-CLE6/D5/CC SAMSUNG-M470T5669AZ0-CLE6/D5/CC Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
More results

Similar Description - M470T5663EH3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com