Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T56163QI Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4T56163QI
Description  Consumer Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T56163QI Datasheet(HTML) 2 Page - Samsung semiconductor

  K4T56163QI Datasheet HTML 1Page - Samsung semiconductor K4T56163QI Datasheet HTML 2Page - Samsung semiconductor K4T56163QI Datasheet HTML 3Page - Samsung semiconductor K4T56163QI Datasheet HTML 4Page - Samsung semiconductor K4T56163QI Datasheet HTML 5Page - Samsung semiconductor K4T56163QI Datasheet HTML 6Page - Samsung semiconductor K4T56163QI Datasheet HTML 7Page - Samsung semiconductor K4T56163QI Datasheet HTML 8Page - Samsung semiconductor K4T56163QI Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
- 2 -
Product Guide
Consumer Memory
Apr. 2010
1. CONSUMER MEMORY ORDERING INFORMATION
3. Product
4. Density & Refresh
5. Organization
6. Bank
7. Interface ( VDD, VDDQ)
9. Package Type
8. Revision
1. SAMSUNG Memory : K
2. DRAM : 4
Revision
Bank
Organization
Density & Refresh
Product
DRAM
SAMSUNG Memory
Interface (VDD, VDDQ)
Package Type
Temperature & Power
K 4 X X X X X X X X - X X X X
1
2
3
4
5
6
7
8
9
10
11
Speed
10. Temperature & Power
S : SDRAM
H : DDR SDRAM
T : DDR2 SDRAM
B : DDR3 SDRAM
D : GDDR
J : GDDR3
64 : 64Mb, 4K/64ms
28 : 128Mb, 4K/64ms
56 : 256Mb, 8K/64ms
51 : 512Mb, 8K/64ms
1G : 1Gb, 8K/64ms
2G : 2Gb, 8K/64ms
10 : 1Gb, 8K/32ms
04 : x4
08 : x8
16 : x16
32 : x32
31 : x32 (2CS)
2
: 2 Banks
3
: 4 Banks
4
: 8 Banks
2
: LVTTL (3.3V, 3.3V)
8
: SSTL_2 (2.5V, 2.5V)
Q : SSTL_18 (1.8V, 1.8V)
6
: SSTL_15 (1.5V, 1.5V)
K
: POD_18 (1.8V, 1.8V)
M : 1st Gen.
H
: 9th Gen.
A
: 2nd Gen.
I
: 10th Gen.
B
: 3rd Gen.
J
: 11th Gen.
C
: 4th Gen.
K
: 12th Gen.
D
: 5th Gen.
L
: 13th Gen.
E
: 6th Gen.
N
: 14th Gen.
F
: 7th Gen.
O
: 15th Gen.
G : 8th Gen.
S
: 19th Gen.
U
:
TSOPII (Lead-free)
100TQFP(Lead-free) only for 128Mb GDDR
Z
: FBGA (Lead-free)
V
: 144FBGA (Lead-free) only for 128Mb GDDR
L
: TSOPII (Lead-free & Halogen-free)
H
: FBGA (Lead-free & Halogen-free)
F
: FBGA(Lead-free & Halogen-free) for 64Mb DDR, 128Mb GDDR
M : FBGA DDP (Lead-free & Halogen-free)
B
: FBGA FLIP-CHIP (Lead-free & Halogen-free)
C
: Commercial Temp. & Normal Power
L
: Commercial Temp. & Low Power
I
: Industrial Temp. & Normal Power
P
: Industrial Temp. & Low Power
D
: Industrial Temp. & Super Low Power
Q : Commercial Temp. DDR3+ (Gapless, BL4)


Similar Part No. - K4T56163QI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLCC SAMSUNG-K4T56163QI-ZCLCC Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLD5 SAMSUNG-K4T56163QI-ZCLD5 Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLE6 SAMSUNG-K4T56163QI-ZCLE6 Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLE7 SAMSUNG-K4T56163QI-ZCLE7 Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
More results

Similar Description - K4T56163QI

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RP-SMTEXXDA1 PANASONIC-RP-SMTEXXDA1 Datasheet
146Kb / 2P
   microSDXC Memory Card, Consumer plus MLC Model
logo
Fujitsu Component Limit...
MB81ES641645A-07 FUJITSU-MB81ES641645A-07 Datasheet
63Kb / 1P
   64 Mbit SDR I/F Consumer FCRAM Consumer Embedded Application Specific Memory
logo
Panasonic Semiconductor
RP-SDMF08DA1 PANASONIC-RP-SDMF08DA1 Datasheet
405Kb / 2P
   SDHC/SDXC Memory Card, Consumer TLC Model
logo
Fujitsu Component Limit...
MB81ES653225-12 FUJITSU-MB81ES653225-12 Datasheet
485Kb / 10P
   Consumer/Embedded Application Specific Memory for SiP
logo
Panasonic Semiconductor
RP-SDQEXXDA1 PANASONIC-RP-SDQEXXDA1 Datasheet
357Kb / 2P
   SDHC Memory Card, Consumer Plus pSLC Model
RP-SDUEXXDA1 PANASONIC-RP-SDUEXXDA1 Datasheet
203Kb / 2P
   SDXC Memory Card, Consumer Plus MLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
Fujitsu Component Limit...
MB81EDS256445 FUJITSU-MB81EDS256445 Datasheet
398Kb / 52P
   MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com