Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1L00252035MP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MP1L00252035MP
Description  Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP1L00252035MP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MP1L00252035MP Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1L00252035MP Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1L00252035MP Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1L00252035MP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
spectrasymbol.com
(888) 795-2283
Page 3
Customization
How It Works
The MagnetoPot is simple, yet elegant in its ability to track motion in a contactless manner. A magnet on the
inside of a cylinder, or a magnet on the opposing side of a motion device will guide the built-in magnetics of the
MagnetoPot for position location through a potentiometric output.
The MagnetoPot is a sealed potentiometer, in the membrane potentiometer tradition, yet it does not require a
wiper/actuator to connect the collector and the resistor. Instead, the MagnetoPot is controlled by an outside
magnet, which attracts the magnetic forces within the MagnetoPot to connect to the linear resistor and give linear
potentiometer feedback.
The wiper inside the sealed pot is magnetic or ferromagnetic, and will only perform if connected with an exterior
magnet.
As opposed to a magnetically-based Reed Switch, which gives simply “open” or “close” signals, the MagnetoPot
gives the full linear travel of a hydraulic or pneumatic cylinder.
In liquid level applications, the MagnetoPot can attach to the outside of a liquid tank and give position of the
magnet inside the float. No water ingress, no wearing of the part by environment, because the MagnetoPot is
outside of the tank.
Design and Contruction
The MagnetoPot is made of polyester, fiberglass and kapton, depending on the specification required. It functions
as a voltage divider, a resistor or rheostat, as desired by the end-user. By bringing the exterior magnet into a
proximity necessary to connect with the internal magnetic attractors, the operator can obtain linear position
sensing based on the location of the exterior magnet. As the exterior magnet moves, so does the electrical output
of the MagnetoPot.
The MagnetoPot should not be mounted to a ferromagnetic surface.
Customize the size and shape. Such custom requests, for example, can be: custom lengths 10mm-1200mm;
custom rotary diameters, etc. Spectra Symbol would be glad to quote your custom application, just contact us at
sales@spectrasymbol.com or (888)795-2283.


Similar Part No. - MP1L00252035MP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
logo
Emerson Network Power
MP1 EMERSON-NETWORKPOWER-MP1 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
logo
List of Unclassifed Man...
MP1-10B ETC2-MP1-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP1-10C ETC2-MP1-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP1L00252035MP

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
Glenair, Inc.
370AA006B08 GLENAIR-370AA006B08 Datasheet
207Kb / 2P
   Splash-Proof Cable Sealing Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Molex Electronics Ltd.
0501488100 MOLEX7-0501488100 Datasheet
88Kb / 2P
   Splash Proof Crimp Terminal 50148, Bag
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
logo
Molex Electronics Ltd.
0501488000 MOLEX7-0501488000 Datasheet
89Kb / 3P
   Splash Proof Crimp Terminal 50148, Reel
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
SANYO DENKI CO., LTD.
9B1W2TP24P0H001 SANYODENKI-9B1W2TP24P0H001 Datasheet
840Kb / 4P
   Bracket-mounted Splash Proof Centrifugal Fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com