Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9528MUV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD9528MUV-E2
Description  Main Power Supply ICs for Note PC(Linear Regulator Integrated)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9528MUV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD9528MUV-E2 Datasheet HTML 5Page - Rohm BD9528MUV-E2 Datasheet HTML 6Page - Rohm BD9528MUV-E2 Datasheet HTML 7Page - Rohm BD9528MUV-E2 Datasheet HTML 8Page - Rohm BD9528MUV-E2 Datasheet HTML 9Page - Rohm BD9528MUV-E2 Datasheet HTML 10Page - Rohm BD9528MUV-E2 Datasheet HTML 11Page - Rohm BD9528MUV-E2 Datasheet HTML 12Page - Rohm BD9528MUV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Technical Note
9/33
BD9528MUV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristic curves (Reference data) – Continued
Fig.25 Transient Response
(Vo=3.3V, PWM, Io=8→0A)
Fig.26 Transient Response
(Vo=1V, PWM, Io=0→8A)
Fig.27 Transient Response
(Vo=1V, PWM, Io=8→0A)
Fig.28 Output Voltage
(Vo=5V, PWM, Io=0A)
Fig.29 Output Voltage
(Vo=5V, PWM, Io=8A)
Fig.30 Output Voltage
(Vo=5V, QLLM, Io=0A)
Fig.31 Output Voltage
(Vo=5V, SLLM, Io=0A)
Fig.32 Output Voltage
(Vo=3.3V, PWM, Io=0A)
Fig.33 Output Voltage
(Vo=3.3V, PWM, Io=8A)
Fig.34 Output Voltage
(Vo=3.3V, QLLM, Io=0A)
Fig.35 Output Voltage
(Vo=3.3V, SLLM, Io=0A)
Fig.36 Output Voltage
(Vo=1V, PWM, Io=0A)
20us
20us
20us
Vo
100mV/div
IL
5A/div
Io
5A/div
Vo
100mV/div
IL
5A/div
Io
5A/div
Vo
100mV/div
IL
5A/div
Io
5A/div
2us
2us
10us
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
Vo
50mV/div
2us
2us
2us
10us
2us
2us


Similar Part No. - BD9528MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9528 ROHM-BD9528 Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
More results

Similar Description - BD9528MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9524MUV ROHM-BD9524MUV Datasheet
639Kb / 21P
   Main Power Supply IC for Note PC(Linear Regulator Integrated)
BD9524MUV ROHM-BD9524MUV_10 Datasheet
628Kb / 21P
   Main Power Supply IC for Note PC (Linear Regulator Integrated)
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Rohm
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
logo
ATMEL Corporation
QTAN0015 ATMEL-QTAN0015 Datasheet
73Kb / 4P
   Power Supply Considerations for QT ICs
logo
Renesas Technology Corp
M62235P RENESAS-M62235P Datasheet
1Mb / 4P
   Standard Linear ICs Switching power supply secondary side control
logo
Samsung semiconductor
ICR18650-28A SAMSUNG-ICR18650-28A Datasheet
263Kb / 17P
   Lithium-ion Battery for Note-PC
1.0
logo
Rohm
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com