Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T51163QG Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4T51163QG
Description  Consumer Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T51163QG Datasheet(HTML) 5 Page - Samsung semiconductor

  K4T51163QG Datasheet HTML 1Page - Samsung semiconductor K4T51163QG Datasheet HTML 2Page - Samsung semiconductor K4T51163QG Datasheet HTML 3Page - Samsung semiconductor K4T51163QG Datasheet HTML 4Page - Samsung semiconductor K4T51163QG Datasheet HTML 5Page - Samsung semiconductor K4T51163QG Datasheet HTML 6Page - Samsung semiconductor K4T51163QG Datasheet HTML 7Page - Samsung semiconductor K4T51163QG Datasheet HTML 8Page - Samsung semiconductor K4T51163QG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
- 5 -
Product Guide
Consumer Memory
Apr. 2010
2.3 DDR2 SDRAM
NOTE : 1. 128Mb I-die DDR2 84ball FBGA supports Halogen-free package
2.4 DDR3 SDRAM
2.5 DDR3+ SDRAM
NOTE : For more details about product specifications or technical files, please contact us "semiconductor@samsung.com"
Density
Banks
Part Number
Package & Power,
Temp. (-C/-L) & Speed
Org.
Interface
Refresh
Power (V)
Package
Avail.
128Mb O-die
4Banks
K4T28163QO
HCF8/E7/F7/E6
8M x 16
SSTL_18
4K/64m
1.8V±0.1V
84ball FBGA
Now
256Mb I-die
4Banks
K4T56163QI
Z*1C(L)E7/F7/E6/D5/CC
16M x 16
SSTL_18
8K/64m
1.8V±0.1V
84ball FBGA
Now
256Mb N-die
4Banks
K4T56163QN
HCF8/E7/F7/E6
16M x 16
SSTL_18
8K/64m
1.8V±0.1V
84ball FBGA
Now
512Mb G-die
4Banks
K4T51083QG
HC(L)F8/E7/F7/E6
64M x 8
SSTL_18
8K/64m
1.8V±0.1V
60ball FBGA
Now
K4T51163QG
HC(L)F8/E7/F7/E6
32M x 16
84ball FBGA
512Mb I-die
4Banks
K4T51043QI
HC(L)E7/F7/E6
128M x 4
SSTL_18
8K/64m
1.8V±0.1V
60ball FBGA
Now
K4T51083QI
HC(L)E7/F7/E6
64M x 8
K4T51163QI
HC(L)F8/E7/F7/E6
32M x 16
84ball FBGA
Now
1Gb E-die
8Banks
K4T1G084QE
HC(L)F8/E7/F7/E6
128M x 8
SSTL_18
8K/64m
1.8V±0.1V
60ball FBGA
Now
K4T1G164QE
HC(L)F8/E7/F7/E6
64M x 16
84ball FBGA
1Gb F-die
8Banks
K4T1G084QF
BC(L)F8/E7/F7/E6
128M x 8
SSTL_18
8K/64m
1.8V±0.1V
60ball FBGA
Now
K4T1G164QF
BC(L)F8/E7/F7/E6
64M x 16
84ball FBGA
Density
Banks
Part Number
Package & Power,
Temp. (-C/-L) & Speed
Org.
Interface
Refresh
Power (V)
PKG
Avail.
1Gb E-die
8Banks
K4B1G0846E
HC(L)F7/F8/H9/K0
128M x 8
SSTL_15
8K/64m
1.5V±0.075V
78ball FBGA
Now
K4B1G1646E
HC(L)F7/F8/H9/K0
64M x 16
96ball FBGA
2Gb B-die
8Banks
K4B2G0846B
HC(L)F7/F8/H9/K0
256M x 8
SSTL_15
8K/64m
1.5V±0.075V
78ball FBGA
Now
K4B2G1646B
HC(L)F7/F8/H9/K0
128M x 16
96ball FBGA
2Gb C-die
8Banks
K4B2G0846C
HC(L)F8/H9/K0
256M x 8
SSTL_15
8K/64m
1.5V±0.075V
78ball FBGA
Now
K4B2G1646C
HC(L)F8/H9/K0
128M x 16
96ball FBGA
Density
Banks
Part Number
Package & Power,
Temp. (-C/-L) & Speed
Org.
Interface
Refresh
Power (V)
PKG
Avail.
1Gb E-die
8Banks
K4B1G1646E
HQH9
64M x 16
SSTL_15
8K/64m
1.5V±0.075V
96ball FBGA
Now
2Gb C-die
8Banks
K4B2G1646C
HQH9
128M x 16
SSTL_15
8K/64m
1.5V±0.075V
96ball FBGA
Now


Similar Part No. - K4T51163QG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51163QG SAMSUNG-K4T51163QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51163QG-HCLCC SAMSUNG-K4T51163QG-HCLCC Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51163QG-HCLD5 SAMSUNG-K4T51163QG-HCLD5 Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51163QG-HCLE6 SAMSUNG-K4T51163QG-HCLE6 Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51163QG-HCLE7 SAMSUNG-K4T51163QG-HCLE7 Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
More results

Similar Description - K4T51163QG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RP-SMTEXXDA1 PANASONIC-RP-SMTEXXDA1 Datasheet
146Kb / 2P
   microSDXC Memory Card, Consumer plus MLC Model
logo
Fujitsu Component Limit...
MB81ES641645A-07 FUJITSU-MB81ES641645A-07 Datasheet
63Kb / 1P
   64 Mbit SDR I/F Consumer FCRAM Consumer Embedded Application Specific Memory
logo
Panasonic Semiconductor
RP-SDMF08DA1 PANASONIC-RP-SDMF08DA1 Datasheet
405Kb / 2P
   SDHC/SDXC Memory Card, Consumer TLC Model
logo
Fujitsu Component Limit...
MB81ES653225-12 FUJITSU-MB81ES653225-12 Datasheet
485Kb / 10P
   Consumer/Embedded Application Specific Memory for SiP
logo
Panasonic Semiconductor
RP-SDQEXXDA1 PANASONIC-RP-SDQEXXDA1 Datasheet
357Kb / 2P
   SDHC Memory Card, Consumer Plus pSLC Model
RP-SDUEXXDA1 PANASONIC-RP-SDUEXXDA1 Datasheet
203Kb / 2P
   SDXC Memory Card, Consumer Plus MLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
Fujitsu Component Limit...
MB81EDS256445 FUJITSU-MB81EDS256445 Datasheet
398Kb / 52P
   MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com