Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB16H712S Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # DB16H712S
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DB16H712S Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button DB16H712S Datasheet HTML 7Page - Sanyo Semicon Device DB16H712S Datasheet HTML 8Page - Sanyo Semicon Device DB16H712S Datasheet HTML 9Page - Sanyo Semicon Device DB16H712S Datasheet HTML 10Page - Sanyo Semicon Device DB16H712S Datasheet HTML 11Page - Sanyo Semicon Device DB16H712S Datasheet HTML 12Page - Sanyo Semicon Device DB16H712S Datasheet HTML 13Page - Sanyo Semicon Device DB16H712S Datasheet HTML 14Page - Sanyo Semicon Device DB16H712S Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
10
Signal
Reference
Designation
Pin
Number
Function Summary
Program drive
Start/Stop
START+
START-
1
2
Commands the start and stop of program driving.
Internal photo coupler on
Program driving start
Internal photo coupler off
Program driving stop
Program pause
PAUSE+
PAUSE-
3
4
When START signal on, a pause in program driving is
commanded.
Internal photo coupler on
Program driving pause
Internal photo coupler off
Program driving pause
release
General-purpose
input common
+COM
6
Input signal common of the 6 to 9 pins
DC5V is input.
Alarm clear
signal
standard
ALMC
6
Recoverable alarms are cleared.
Internal photo coupler off
onAlarm clear
General-purpose
input 1
IN1
6
This is a general-purpose input signal that can be used
by program driving.
Internal photo coupler on
General purpose input 1 on
Internal photo coupler off
General purpose input 1 off
Program number
selection bit 1
B1
6
The program number is selected along with other bits.
Subordinate bit
Internal photo coupler on
Corresponding bit 1
Internal photo coupler off
Corresponding bit 0
Emergency stop
input
EMG
6
The emergency stop signal is input.
Internal photo coupler on
No emergency stop Internal
photo coupler off
Emergency stop
Origin signal
ORG
6
The origin signal used for the return to origin operation
is input.
Internal photo coupler on
Origin signal on
Internal photo coupler off
Origin signal off
+ direction
overtravel signal
+OT
7
An overtravel signal in the + direction is input. Internal
photo coupler on
+ direction overtravel not arrived
Internal photo coupler off
+ direction overtravel
arrived
General-purpose
input 2
IN2
7
This is a general-purpose input signal that can be used
by program driving.
Internal photo coupler on
General purpose input 2 on
Internal photo coupler off
General purpose input 2 off
Program number
selection bit 2
B2
7
The program number is selected along with other bits.
The second bit from the subordinate
Internal photo coupler on
Corresponding bit 1 Internal
photo coupler off
Corresponding bit 0
Emergency stop
input
EMG
7
The emergency stop signal is input.
Internal photo coupler on
No emergency stop Internal
photo coupler off
Emergency stop
Origin signal
ORG
7
The origin signal used for the return to origin operation
is input.
Internal photo coupler on
Origin signal on
Internal photo coupler off
Origin signal off
Alarm clear
signal
ALMC
7
Recoverable alarms are cleared.
Internal photo coupler off
onAlarm clear
- direction
overtravel signal
-OT
8
An overtravel signal in the - direction is input.
Internal photo coupler on
- direction overtravel not
arrived
Internal photo coupler off
- direction overtravel
arrived
General-purpose
input 3
IN3
8
This is a general-purpose input signal that can be used
by program driving.
Internal photo coupler on
General purpose input 3 on
Internal photo coupler off
General purpose input 3 off
Program number
selection bit 4
B4
8
The program number is selected along with other bits.
The third bit from the subordinate
Internal photo coupler on
Corresponding bit 1
Internal photo coupler off
Corresponding bit 0
Emergency stop
input
EMG
8
The emergency stop signal is input.
Internal photo coupler on
No emergency stop
Internal photo coupler off
Emergency stop
Origin signal
ORG
8
The origin signal used for the return to origin operation
is input.
Internal photo coupler on
Origin signal on
Internal photo coupler off
Origin signal off
Alarm clear
signal
ALMC
8
Recoverable alarms are cleared.
Internal photo coupler off
onAlarm clear
Signal
Reference
Designation
Pin
Number
Function Summary
Emergency stop
signal
EMG
9
The emergency stop signal is input.
Internal photo coupler on
No emergency stop
Internal photo coupler off
Emergency stop
General-purpose
input 4
IN4
9
This is a general-purpose input signal that can be used
by program driving.
Internal photo coupler on
General purpose input 4 on
Internal photo coupler off
General purpose input 4 off
Program number
selection bit 8
B8
9
The program number is selected along with other bits.
The fourth bit from the subordinate
Internal photo coupler on
Corresponding bit 1
Internal photo coupler off
Corresponding bit 0
Origin signal
ORG
9
The origin signal used for the return to origin operation
is input.
Internal photo coupler on
Origin signal on
Internal photo coupler off
Origin signal off
Alarm clear
signal
ALMC
9
Recoverable alarms are cleared.
Internal photo coupler off
onAlarm clear
During motor
operation
BUSY
10
The operation status of the motor is output.
Internal photo coupler on
During motor operation
Internal photo coupler off
During motor stop
During program
execution
PEND
10
The execution status of the program is output. Internal
photo coupler on
During program execution
Internal photo coupler off
Program execution
complete
Zone signal
ZONE
10
Turns on when the current position is inside the
coordinates that were set beforehand.
During program
execution
PEND
11
The execution status of the program is output.
Internal photo coupler on
During program execution
Internal photo coupler off
Program execution
complete
During motor
operation
BUSY
11
The operation status of the motor is output.
Internal photo coupler on
During motor operation
Internal photo coupler off
During motor stop
Zone signal
ZONE
11
Turns on when the current position is inside the
coordinates that were set beforehand.
Alarm output
ALM
12
When various alarm circuits operate in the driver, an
external signal is output.
At this time, the stepping motor becomes non excited
status.
Output signal
common
OUT_COM
13
It is for the output signal common.
DATA+
DATA+
14
It is for the serial signal.
DATA
DATA
15
It is for the serial signal.
External Wiring Diagrams
DC
+24V
24G
+24V
24G
5G
+5V
RXD
TXD
DE
1
2
1
2
3
4
5
6
7
8
9
10
11
12
13
CN1
14
15
20
CN2
Driver
30V 20mA MAX.
2 Phase Stepping Motor
Power
Supply
Controller
DATA
DATA
GND
(−5G)
CW
+/START+
CW
−/START−
CCW
+/PAUSE+
CCW
−/PAUSE−
+COM
PD
/IN1/B1
EXT
/IN2/B2
FH
/IN3/B4
IN4
/B8
BUSY
/OUT1
MON
/OUT2
ALM
OUT_COM
Specification Summary of Input/Output Signals (Parallel I/F mode)


Similar Part No. - DB16H712S

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB100 SURGE-DB100 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
DIOTEC Electronics Corp...
DB1000 DEC-DB1000 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1001 DEC-DB1001 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1002 DEC-DB1002 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1004 DEC-DB1004 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB16H712S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com