Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9862MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD9862MUV-E2
Description  5V Input Multi-channel System Power Supply IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9862MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD9862MUV-E2 Datasheet HTML 1Page - Rohm BD9862MUV-E2 Datasheet HTML 2Page - Rohm BD9862MUV-E2 Datasheet HTML 3Page - Rohm BD9862MUV-E2 Datasheet HTML 4Page - Rohm BD9862MUV-E2 Datasheet HTML 5Page - Rohm BD9862MUV-E2 Datasheet HTML 6Page - Rohm BD9862MUV-E2 Datasheet HTML 7Page - Rohm BD9862MUV-E2 Datasheet HTML 8Page - Rohm BD9862MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BD9862MUV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Reference Data(Unless specified Ta=25℃,VCC=2.5V,RRT=120kΩ)
40
45
50
55
60
65
70
75
80
85
90
1
10
100
Load current[mA]
L=15uH
L=4.7uH
65
70
75
80
85
90
0.1
1
10
Load current[mA]
PWM MODE
PWM/PFM MODE
36
38
40
42
44
46
48
50
0.1
1
10
Load current[mA]
PWM MODE
PWM/PFM MODE
Fig.1 CH1Current Load to Efficiency
(Vo1=10V)
Fig.2 CH2 Current Load to Efficiency
(VIN2A=3.5V,VIN2B=10V,Vo2=12V)
Fig.3 CH3 Current Load to Efficiency
(VIN3=10V,Vo3=-5V)
3.55
3.56
3.57
3.58
3.59
3.6
0
5
10
15
Load current[mA]
3.500
3.505
3.510
3.515
3.520
3.6
4.0
4.4
4.8
5.2
CPOUT voltage[V]
3.504
3.506
3.508
3.510
3.512
3.514
3.516
3.518
-40
-15
10
35
60
85
Ta[℃]
Fig.4 REGOUT
Output Load Regulation
Fig.5 REGOUT
Output Line Regulation
Fig.6 REGOUT Output Voltage
Temperature Feature
1.002
1.003
1.004
1.005
1.006
-40
-15
10
35
60
85
Ta[℃]
1.002
1.003
1.004
1.005
1.006
-40
-15
10
35
60
85
Ta[℃]
1.008
1.009
1.010
1.011
1.012
-40
-15
10
35
60
85
Ta[℃]
Fig.7 INV1 Threshold Voltage
Temperature Feature
Fig.8 INV2 Threshold Voltage
Temperature Feature
Fig.8 NON3 Threshold Voltage
Temperature Feature
0
10
20
30
40
50
60
70
80
90
100
0.6 0.811.2 1.4 1.6 1.82
FB1 voltage[V]
985
990
995
1000
1005
1010
1015
-40
-15
10
35
60
85
Ta[℃]
950
960
970
980
990
1000
1010
1020
1030
1040
1050
23
4
5
VBAT[V]
Fig.10 CH1 FB1Voltage-
On Duty Feature
Fig.11 CH1 Switching Frequency
Temperature Feature
Fig.12 CH1 Switching Frequency
to VBAT Voltage Feature


Similar Part No. - BD9862MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9866GUL ROHM-BD9866GUL Datasheet
1Mb / 39P
   4CH Internal Power MOSFET System Switching Regulator
BD9866GUL-E2 ROHM-BD9866GUL-E2 Datasheet
1Mb / 39P
   4CH Internal Power MOSFET System Switching Regulator
More results

Similar Description - BD9862MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com