Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393T5663QZHA Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M393T5663QZHA
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T5663QZHA Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M393T5663QZHA Datasheet HTML 5Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 6Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 7Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 8Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 9Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 10Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 11Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 12Page - Samsung semiconductor M393T5663QZHA Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
- 9 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
240Pin DDR2 Fully Buffered DIMM(1.8V)
Org.
Density
Part Number
Speed
AMB
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
64Mx 72
512MB
M395T6553GZ4
CE7/F7/E6
6 : IDT C1
64M x 8 * 9pcs
512Mb
G-die
4
1
60 ball
FBGA
30.35mm
Now
CE6
5 : Intel D1
128Mx 72
1GB
M395T2863QZ(H)4
CE7/F7/E6
6 : IDT C1
128M x 8 * 9pcs
1Gb
Q-die
81
60 ball
FBGA
30.35mm
Now
CE7/F7/E6
8: IDT L4
CE6
5 : Intel D1
M395T2863FB4
CE7/F7/E6
6 : IDT C1
1Gb
F-die
Jun. ’10
8: IDT L4
256Mx 72
2GB
M395T5663QZ(H)4
CE7/F7/E6
6 : IDT C1
128M x 8 * 18pcs
1Gb
Q-die
82
60 ball
FBGA
30.35mm
Now
CE7/F7/E6
8: IDT L4
CE6
5 : Intel D1
3: Montage D3
M395T5663FB4
CE7/F7/E6
6 : IDT C1
1Gb
F-die
Jun. ’10
8: IDT L4
512Mx 72
4GB
M395T5160QZ(H)4
CE7/F7/E6
6 : IDT C1
256M x 4 * 36pcs
1Gb
Q-die
8
2
60 ball
FBGA
30.35mm
Now
CE6
8: IDT L4
CE6
5 : Intel D1
3: Montage D3
M395T5160FB4
CE7/F7/E6
6 : IDT C1
1Gb
F-die
Jun. ’10
8: IDT L4
M395T5163QZ(H)4
CE7/F7/E6
8: IDT L4
128M x 8 * 36pcs
1Gb
Q-die
4
Now
M395T5163FB4
CE7/F7/E6
6 : IDT C1
1Gb
F-die
Jun. ’10
8: IDT L4
M395T5263AZ(H)4
CF7/E6
6 : IDT C1
256M x 8 * 18pcs
2Gb
A-die
2
68 ball
FBGA
Now
CF7/E6
8: IDT L4
1Gx 72
8GB
M395T1G60QJ(M)4
CE6/F7
8: IDT L4
DDP 512M x 4 * 36pcs
1Gb
Q-die
8
4
63 ball
FBGA
30.35mm
Now
M395T1K66AZ(H)4
CF7/E6/D5
6 : IDT C1
st.1G x 4 * 18pcs
2Gb
A-die
2
83 ball
FBGA
CF7/E6
8: IDT L4


Similar Part No. - M393T5663QZHA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5663AZ3 SAMSUNG-M393T5663AZ3 Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663AZ3-CC SAMSUNG-M393T5663AZ3-CC Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663AZ3-CD5 SAMSUNG-M393T5663AZ3-CD5 Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663AZA SAMSUNG-M393T5663AZA Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663AZA-CC SAMSUNG-M393T5663AZA-CC Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
More results

Similar Description - M393T5663QZHA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com