Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95500MUV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD95500MUV-E2
Description  Switching Regulator with MOSFET for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95500MUV-E2 Datasheet(HTML) 5 Page - Rohm

  BD95500MUV-E2 Datasheet HTML 1Page - Rohm BD95500MUV-E2 Datasheet HTML 2Page - Rohm BD95500MUV-E2 Datasheet HTML 3Page - Rohm BD95500MUV-E2 Datasheet HTML 4Page - Rohm BD95500MUV-E2 Datasheet HTML 5Page - Rohm BD95500MUV-E2 Datasheet HTML 6Page - Rohm BD95500MUV-E2 Datasheet HTML 7Page - Rohm BD95500MUV-E2 Datasheet HTML 8Page - Rohm BD95500MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Technical Note
BD95500MUV
5/20
www.rohm.com
2010.05 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
IL
HG/LG
VOUT
IL
HG/LG
VOUT
IL
HG/LG
HG/LG/SW
IL
HG/LG/SW
IL
HG/LG/SW
IL
Reference Data
Fig.13 Transient Response
(VIN=7V)
Fig.14 Transient Response
(VIN=12V)
Fig.15 Transient Response
(VIN=19V)
Fig.16 Transient Response
(VIN=7V)
Fig.17 Transient Response
(VIN=12V)
Fig.18 Transient Response
(VIN=19V)
Fig.19 SLLM Mode
(IOUT=0A)
Fig.20 SLLM Mode
(IOUT=0.4A)
Fig.21 SLLM Mode
(IOUT=1A)
Fig.22 Continuous Mode
(Io=0A)
Fig.23 Continuous Mode
(Io=4A)
Fig.24 OCP Status
(Io=5A)


Similar Part No. - BD95500MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95503MUV ROHM-BD95503MUV Datasheet
128Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD95500MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com