Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M366S3323IUS Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M366S3323IUS
Description  SDRAM Product Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S3323IUS Datasheet(HTML) 6 Page - Samsung semiconductor

  M366S3323IUS Datasheet HTML 1Page - Samsung semiconductor M366S3323IUS Datasheet HTML 2Page - Samsung semiconductor M366S3323IUS Datasheet HTML 3Page - Samsung semiconductor M366S3323IUS Datasheet HTML 4Page - Samsung semiconductor M366S3323IUS Datasheet HTML 5Page - Samsung semiconductor M366S3323IUS Datasheet HTML 6Page - Samsung semiconductor M366S3323IUS Datasheet HTML 7Page - Samsung semiconductor M366S3323IUS Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
General Information
SDRAM
November 2007
E. SDRAM Module Product Guide
Org.
Density
Part No.
Speed
Composition
Comp.
Version
Power
(V)
Internal
Banks
External
Banks
Feature
Avail.
168pin PC133 Registered DIMM
32Mx72
256MB
M390S3253HU1
C7A
32M x 8 *
9 pcs
256Mb
H-die
3.3 V
4
1
DS, 1500mil
EOL
JUN.’08
64Mx72
512MB
M390S6450HU1
C7A
64M x 4 * 18 pcs
256Mb
H-die
1
DS, 1700mil
M390S6450HUU
C7A
64M x 4 * 18 pcs
256Mb
H-die
1
DS, 1200mil
168pin PC133 Unbuffered DIMM
8Mx64
64MB
M366S0924IUS
C7A
8M x 16 *
4 pcs
128Mb
I-die
3.3V
4
1
SS, 1000mil
EOL
JUN.’08
16Mx64
128MB
M366S1723IUS
C7A
16M x 8 *
8 pcs
128Mb
I-die
1
SS, 1375mil
M366S1654HUS
C7A
16M x 16 *
4 pcs
256Mb
H-die
1
SS, 1000mil
EOL
JUN.’08
M366S1654JUS
C7A
16M x 16 *
4 pcs
256Mb
J-die
1
SS, 1000mil
Now
16Mx72
M374S1723IUS
C7A
16M x 8 *
9 pcs
128Mb
I-die
1
SS, 1375mil
EOL
JUN.’08
32Mx64
256MB
M366S3323IUS
C7A
16M x 8 * 16 pcs
128Mb
I-die
2
DS, 1375mil
32Mx72
M374S3323IUS
C7A
16M x 8 * 18 pcs
128Mb
I-die
2
DS, 1375mil
32Mx64
M366S3253JUS
C7A
32M x 8 *
8 pcs
256Mb
J-die
1
SS, 1375mil
Now
64Mx64
512MB
M366S6453HUS
C7A
32M x 8 * 16 pcs
256Mb
H-die
2
DS, 1375mil
EOL
JUN.’08
M366S6453JUS
C7A
32M x 8 * 16 pcs
256Mb
J-die
2
DS, 1375mil
Now
144pin PC133 SODIMM
16Mx64
128MB
M464S1724IUS
L7A
8M x 16 *
8 pcs
128Mb
I-die
3.3V
4
1
DS, 1250mil
EOL
JUN.’08
M464S1724KUS
L7A
8M x 16 *
8 pcs
128Mb
K-die
1
DS, 1250mil
Now
32Mx64
256MB
M464S3254HUS
L7A
16M x 16 *
8 pcs
256Mb
H-die
1
DS, 1250mil
EOL
JUN.’08
M464S3254JUS
L7A
16M x 16 *
8 pcs
256Mb
J-die
1
DS, 1250mil
Now
64Mx64
512MB
M464S6453HV0
L7A
32M x 8 * 16 pcs
256Mb
H-die
2
DS, 1250mil
EOL
JUN.’08
M464S6453JV0
L7A
32M x 8 * 16 pcs
256Mb
J-die
2
DS, 1250mil
Now


Similar Part No. - M366S3323IUS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C1H SAMSUNG-M366S3323CT0-C1H Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0-C1L SAMSUNG-M366S3323CT0-C1L Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results

Similar Description - M366S3323IUS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com