Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393B5173FH0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M393B5173FH0
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B5173FH0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M393B5173FH0 Datasheet HTML 7Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 8Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 9Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 10Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 11Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 12Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 13Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 14Page - Samsung semiconductor M393B5173FH0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
- 11 -
Product Guide
DDR3 SDRAM Memory
May. 2010
5. RDIMM RCD Information
5.1 5.1 RCD Identification in JEDEC Description in Module Label
5.2 5.2 Label Example
5.3 RCD Information
- Example
Voltage
Vendor
Revision
Module P/N
JEDEC Description On Label
1.5V
Inphi
LV GS02 C0
M393B5170EH1-CH9
4GB 2Rx4 PC3-10600R-09-10-E1-P1
IDT
LV DDR3 B0
M393B5170EH1-CH9
4GB 2Rx4 PC3-10600R-09-10-E1-D2
1.35V
Inphi
LV GS02 C0
M393B5170EH1-YF8
4GB 2Rx4 PC3L-8500R-07-10-E1-P1
IDT
LV DDR3 B0
M393B5170EH1-YF8
4GB 2Rx4 PC3L-8500R-07-10-E1-D2
4GB 2Rx4 PC3 - 10600R - 09 - 10 - E1 - P1
Made in Korea
M393B5170EH1-CH9
0920


Similar Part No. - M393B5173FH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B1G70QH0-CMA SAMSUNG-M393B1G70QH0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B1G70QH0-YK0 SAMSUNG-M393B1G70QH0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B1G73BH0 SAMSUNG-M393B1G73BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B1G73QH0-CMA SAMSUNG-M393B1G73QH0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M393B5173FH0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com