Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S6453HV0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M464S6453HV0
Description  SDRAM Product Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S6453HV0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M464S6453HV0 Datasheet HTML 1Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 2Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 3Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 4Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 5Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 6Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 7Page - Samsung semiconductor M464S6453HV0 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
General Information
SDRAM
November 2007
3 : DIMM
4 : SODIMM
63 : x63 PC100 / PC133
µSODIMM
with SPD for 144pin
64 : x64 PC100 / PC133 SODIMM
with SPD for 144pin (Intel/JEDEC)
66 : x64 Unbuffered DIMM
with SPD for 144pin/168pin (Intel/JEDEC)
74 : x72 /ECC Unbuffered DIMM
with SPD for 168pin (Intel/JEDEC)
77 : x72 /ECC PLL + Register DIMM
with SPD for 168pin (Intel PC100)
90 : x72 /ECC PLL + Register DIMM
with SPD for 168pin (JEDEC PC133)
Commercial Normal
Commercial Low
T
TSOP(II)
(400mil)
N
sTSOP(II)
(400mil)
U
TSOP(II) Lead-free (400mil)
V
sTSOP(II) Lead-free (400mil)
16 : 16M
32 : 32M
64 : 64M
28 : 128M
56 : 256M
M
1st Gen.
A
2nd Gen.
B
3rd Gen.
C
4th Gen.
D
5th Gen.
E
6th Gen.
F
7th Gen.
H
9h Gen.
J
11h Gen.
0
Mother PCB
2
2nd Rev.
U
Low Profile DIMM
S : SDRAM
1. Memory Module : M
2. DIMM Configuration
3. Data Bits
4. Feature
5. Depth
12. Speed (Default CL= 3 )
11. Power
10. PCB Revision & Type
9. Package
8. Component Revision
Composition Component
PCB revision & Type
Component Revision
Refresh, # of Banks in Comp. & Interface
Depth
Feature
Data bits
DIMM Configuration
Memory Module
Package
Power
Speed
0 : x 4
3 : x 8
4 : x16
8 : x 4 Stack (Flexframe)
9 : x 8 Stack (Flexframe)
M X X X S X X X X X X X - X X X
7. Composition Component
1
2
3
4
5
6
7
8
9
10
11
12
2 :
4K/ 64ms Ref., 4Banks & LVTTL
5 :
8K/ 64ms Ref., 4Banks & LVTTL
6. Refresh, # of Banks in comp. & Interface
D. SDRAM Module Ordering Information
:
:
:
:
:
:
:
:
:
:
:
:
:
:
C
L
:
:
:
:
1 : 1st Rev.
3 : 3rd Rev.
S : 4Layer PCB.
( 0
°C ~ 70°C)
( 0
°C ~ 70°C)
7A : PC133 (133MHz CL=3/PC100 CL2)
09 :
8M (for 128Mb/512Mb)
17 : 16M (for 128Mb/512Mb)
33 : 32M (for 128Mb/512Mb)
65 : 64M (for 128Mb/512Mb)
29 : 128M (for 128Mb/512Mb)
59 : 256M (for 128Mb/512Mb)


Similar Part No. - M464S6453HV0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S6453CKS SAMSUNG-M464S6453CKS Datasheet
80Kb / 12P
   PC133/PC100 SODIMM
M464S6453EN0-C7A SAMSUNG-M464S6453EN0-C7A Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
More results

Similar Description - M464S6453HV0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com