Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM781D Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # FSM781D
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM781D Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button FSM781D Datasheet HTML 2Page - Sanyo Semicon Device FSM781D Datasheet HTML 3Page - Sanyo Semicon Device FSM781D Datasheet HTML 4Page - Sanyo Semicon Device FSM781D Datasheet HTML 5Page - Sanyo Semicon Device FSM781D Datasheet HTML 6Page - Sanyo Semicon Device FSM781D Datasheet HTML 7Page - Sanyo Semicon Device FSM781D Datasheet HTML 8Page - Sanyo Semicon Device FSM781D Datasheet HTML 9Page - Sanyo Semicon Device FSM781D Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7
5-phase STEPPING SYSTEMS
System configuration
AC input
Damper
Electromagnetic
brake model
End-capside
Harmonic gear model
Low-backlash gear
model
Spur gear model
With built-in positioning function
Motor flange size
28
1.10inch
Motor flange size
42mm
1.65inch/ 60mm
2.35inch/ φ 86mmφ 3.39inch
Spur gear
Motor flange size
28mm
1.10inch/ 42mm
1.65inch/ 60mm2.35inch
/ φ86mm
φ3.39inch
Harmonic gear
Low backlash gear
Motor flange size
42mm
1.65inch/ 60mm
2.35inch/ φ86mmφ3.39inch
Electromagnetic brake
A
AC power cable
Optional cables
B
Motor cable
C
I/O signal cable
Flange side
Magnetic dampers can be
selected accordingtothe
required inertia.
Encoder equipped
model
Optional
Encoder
L +50 mm(+.16 feet)
L +50 mm(+.16 feet)
L +50 mm(+.16 feet)
Standard model : F series motor
28mm
1.10inch/42mm1.65inch
/ 60mm
2.35inch/φ86mm
φ3.39inch
/φ106mm
φ4.17inch
CE / UL model : M series motor
42mm
1.65inch/60mm2.35inch
/φ86mm
φ3.39inch/φ106mmφ4.17inch
Motors are available in standard or vacuum
types.
Option cable for motor
B
L:m
feet
Part number
10
32.81
PM-C03P1000-05
5
16.40
PM-C03P0500-05
3
9.84
PM-C03P0300-05
1
3.28
PM-C03P0100-05
L:m
feet
Part number
10
32.81
PM-C06M1000-11
5
16.40
PM-C06M0500-11
3
9.84
PM-C06M0300-11
1
3.28
PM-C06M0100-11
L:m
feet
Part number
2
6.56
PM-C20S0200-01
1
3.28
PM-C20S0100-01
Leadwire
600V vinyl cab tire cable
3-core AWG16
1.25mm2
Housing
1-178128-2
AMP
Contact
1-175218-5
AMP
Round-type crimp tool 1.25M4
J.S.T.
Cables 10 m32.81 feetor longer are available
upon request.
Leadwire
600V vinyl cab tire cable
6-core AWG16
0.75mm2
Housing
1-178128-6
AMP
Contact
1-175218-5
AMP
Leadwire
10-pair PVC shielded cable
AWG28
0.08mm2
Shell
10320-52A0-008
3M
Plug
10120-3000PE
3M
Connector type
Housing
Contact
Applicable motor flange size
AC power connector
1-178128-2
AMP
1-175218-5
AMP
Motor connector
1-178128-6
AMP
1-175216-5
AMP
28mm
1.10inch, 42mm1.65inch
1-178128-6
AMP
1-175217-5
AMP
60mm
2.35inch, φ 86mmφ 3.39inch
1-178128-6
AMP
1-175218-5
AMP
φ 106mm
φ 4.17inch
I/Osignalconnector
10314-52A0-008
3M
10114-3000PE
3M
Bundled connectorssetmodelsonly
1
2
3
Cables 10 m32.81 feetor longer are available
upon request.


Similar Part No. - FSM781D

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSM75N75 FOSLINK-FSM75N75 Datasheet
563Kb / 9P
   N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
FSM75N75T FOSLINK-FSM75N75T Datasheet
563Kb / 9P
   N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
logo
Tyco Electronics
FSM7J MACOM-FSM7J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM7J MACOM-FSM7J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM7JA MACOM-FSM7JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM781D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com