Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M395T1K66AZH4 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M395T1K66AZH4
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M395T1K66AZH4 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M395T1K66AZH4 Datasheet HTML 4Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 5Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 6Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 7Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 8Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 9Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 10Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 11Page - Samsung semiconductor M395T1K66AZH4 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
- 8 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
240Pin DDR2 VLP Registered DIMM
Org.
Density
Part Number
Speed
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
64Mx 72
512MB
M392T6553GZA
CF7/E6
64M x 8 * 9pcs
512Mb
G-die
4
1
60 ball
FBGA
18.3mm
Now
128Mx 72
1GB
M392T2863QZ(H)A
CF7/E6
128M x 8 * 9pcs
1Gb
Q-die
81
60 ball
FBGA
18.3mm
Now
M392T2863FBA
CE7/F7/E6
1Gb
F-die
Jun. ’10
256Mx 72
2GB
M392T5660QZ(H)A
CF7/E6
256M x 4 * 18pcs
1Gb
Q-die
8
1
60 ball
FBGA
18.3mm
Now
M392T5660FBA
CE7/F7/E6
1Gb
F-die
Jun. ’10
M392T5663QZ(H)A
CF7/E6
128M x 8 * 18pcs
1Gb
Q-die
2
Now
M392T5663FBA
CE7/F7/E6
1Gb
F-die
Jun. ’10
512Mx 72
4GB
M392T5160QJ(M)A
CF7/E6
DDP 512M x 4 * 18pcs
1Gb
Q-die
8
2
63 ball
FBGA
18.3mm
Now
1Gx 72
8GB
M392T1G60QQ(E)A
CE6/D5
QDP 1G x 4 * 18pcs
1Gb
Q-die
8
4
65 ball
FBGA
18.3mm
Now


Similar Part No. - M395T1K66AZH4

ManufacturerPart #DatasheetDescription
logo
EPCOS
M3951M EPCOS-M3951M Datasheet
85Kb / 6P
   IF Filter for Video Applications
M3953M EPCOS-M3953M Datasheet
86Kb / 6P
   IF Filter for Video Applications
More results

Similar Description - M395T1K66AZH4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com