Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ412 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SJ412
Description  DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ412 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ412 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ412
2009-09-29
4
Case temperature Tc (°C)
Vth – Tc
−4
0
−80
160
80
−40
40
−1
−3
0
120
Common source
VDS = −10 V
ID = −1 mA
Pulse test
−2
Total gate charge Qg (nC)
Dynamic Input/Output Characteristic
0
0
−40
−100
100
40
−20
−60
−80
20
60
80
VDS
VGS
−20 V
VDD = −80 V
−40 V
0
−8
−20
−4
−12
−16
Common source
ID = −16 A
Tc = 25°C
Pulse test
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
Capacitance – VDS
Drain-source voltage VDS (V)
IDR – VDS
−0.3
01.0
0.8
0.2
Common source
Tc = 25°C
Pulse test
0, 1
−1
VGS = −10 V
0.6
−1.0
−3
−10
−30
0.4
−2
−3
−5
−0.5
−5
Case temperature Tc (°C)
PD – Tc
0
0
40
80
120
160
20
40
60
80
−8
0
−80
160
40
−40
80
120
Common source
Pulse test
ID = −8 A
−2, −4
−2
−4
VGS = −4 V
VGS = −10 V
0
0.1
0.2
0.3
0.5
0.4
30
−0.1
−100
−10
−0.3
Crss
−3
100
300
3000
−1
Coss
Ciss
−30
Common source
VGS = 0 V
f = 1 MHz
Tc = 25°C
1000
5000
50
500


Similar Part No. - 2SJ412

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ412 TOSHIBA-2SJ412 Datasheet
291Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ412 TOSHIBA-2SJ412 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ412

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com